Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8002CT/C Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8002CT/C
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002CT/C Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8002CT/C Datasheet HTML 4Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 5Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 6Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 7Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 8Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 9Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 10Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 11Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1999 Oct 12
8
Philips Semiconductors
Product specification
IC card interface
TDA8002C
FUNCTIONAL DESCRIPTION
Power supply
The supply pins for the chip are VDDA, VDDD, AGND,
DGND1 and DGND2. VDDA and VDDD (i.e. VDD) should be
in the range of 3.0 to 6.5 V. All card contacts remain
inactive during power-up or power-down.
On power-up, the logic is reset by an internal signal.
The sequencer is not activated until VDD reaches
Vth2 +Vhys2 (see Fig.6). When VDD falls below Vth2, an
automatic deactivation sequence of the contacts is
performed.
Chip selection
The chip select pin (CS) allows the use of several
TDA8002Cs in parallel.
When CS is HIGH, the pins RSTN, CMDVCC, MODE,
CV/TV, CLKDIV1, CLKDIV2, CLKSEL and STROBE
control the chip, pins I/OUC, AUX1UC and AUX2UC are
the copy of I/O, AUX1 and AUX2 when enabled (with
integrated 20 k
Ω pull-up resistors connected to VDD) and
OFF is enabled.
When CS goes LOW, the levels on pins RSTIN,
CMDVCC, MODE, CV/TV, CLKDIV1, CLKDIV2 and
STROBE are internally latched, I/OUC, AUX1UC and
AUX2UC go to high-impedance with respect to I/O, AUX1
and AUX2 (with integrated 100 k
Ω pull-up resistors
connected to VDD) and OFF is high-impedance.
Supply voltage supervisor (VDD)
This block surveys the VDD supply. A defined retriggerable
pulse of 10 ms minimum (tW) is delivered on the ALARM
output during power-up or power-down of VDD (see Fig.6).
This signal is also used for eliminating the spikes on card
contacts during power-up or power-down.
When VDD reaches Vth2 +Vhys2, an internal delay (tW) is
started. The ALARM output is active until this delay has
expired. When VDD falls below Vth2, ALARM is activated
and a deactivation sequence of the contacts is performed.
Clock circuitry
The TDA8002C supports both synchronous and
asynchronous cards. There are three methods to clock the
circuitry:
• Apply a clock signal to pin STROBE
• Use of an internal RC oscillator
• Use of a quartz oscillator which should be connected
between pins XTAL1 and XTAL2 or an external clock
applied on XTAL1.
When CLKSEL is HIGH, the clock should be applied to the
STROBE pin. When CLKSEL is LOW, the internal
oscillators is used.
When an internal clock is used, the clock output is
available on pin CLKOUT. The RC oscillator is selected by
making CLKDIV1 HIGH and CLKDIV2 LOW. The clock
output to the card is available on pin CLK. The frequency
of the card clock can be the input frequency divided by
2 or 4, STOP low or 1.25 MHz, depending on the states of
CLKDIV1 or CLKDIV2 (see Table 1).
When STROBE is used for entering the clock to a
synchronous card, STROBE should remain stable during
activation sequence otherwise the first pulse may be
omitted.
Do not change CLKSEL during activation. When in
low-power (sleep) mode, the internal oscillator frequency
which is available on pin CLKOUT is lowered to
approximately 16 kHz for power economy purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com