Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8002CT/C Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8002CT/C
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002CT/C Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8002CT/C Datasheet HTML 14Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 15Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 16Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 17Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 18Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 19Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 20Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 21Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
1999 Oct 12
18
Philips Semiconductors
Product specification
IC card interface
TDA8002C
Data lines
GENERAL
td(edge)
delay between falling edge
of I/O, AUX1, AUX2, I/OUC,
AUX1UC and AUX2UC
−−
1
µs
tr, tf
rise and fall times
Ci =Co =30pF
−−
0.5
µs
fI/O(max)
maximum frequency on
data lines
−−
200
kHz
DATA LINES I/O, AUX1 AND AUX2 (WITH 10 K
Ω PULL-UP RESISTOR CONNECTED TO VCC)
Vo
output voltage
Idle and low-power modes
0
−
0.3
V
VOH
HIGH-level output voltage
on data lines
IOH = −20 µA
0.8VCC
−
VCC
V
VOL
LOW-level output voltage on
data lines
II/O =1mA
−−
0.4
V
VIH
HIGH-level input voltage on
data lines
0.6VCC
−
VCC
V
VIL
LOW-level input voltage on
data lines
0
−
0.5
V
Vidle
voltage on data lines
outside a session
−−
0.4
V
Rpu
internal pull-up resistance
between data lines and VCC
810
12
k
Ω
Iedge
current from data lines
when active pull-up is active
−
1
−
mA
IIL
LOW-level input current on
data lines
VIL = 0.4 V
−−
−600
µA
IIH
HIGH-level input current on
data lines
VIH =VCC
−−
10
µA
DATA LINES I/OUC, AUX1UC AND AUX2UC (WITH 20 K
Ω PULL-UP RESISTOR CONNECTED TO VDD WHEN CS IS HIGH AND
100 K
Ω WHEN CS IS LOW)
VOH
HIGH-level output voltage
on data lines
IOH = −20 µAVDD − 1
−
VDD + 0.2
V
VOL
LOW-level output voltage on
data lines
II/OUC =1mA
−−
0.4
V
VIH
HIGH-level input voltage on
data lines
0.7VDD
−
VDD
V
VIL
LOW-level input voltage on
data lines
0
−
0.3VDD
V
Zidle
impedance on data lines
outside a session
10
−−
M
Ω
ALARM and OFF when connected (open-drain outputs)
IOH(OFF)
HIGH-level output current
on pin OFF
VOH(OFF) =5V
−−
5
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com