Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8002CT/C Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TDA8002CT/C
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002CT/C Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TDA8002CT/C Datasheet HTML 16Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 17Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 18Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 19Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 20Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 21Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 22Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 23Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
1999 Oct 12
20
Philips Semiconductors
Product specification
IC card interface
TDA8002C
LOGIC INPUTS (CV/TV AND CS) (INTEGRATED 10 K
Ω PULL-UP RESISTOR CONNECTED TO VDD); note 5
VIL
LOW-level input voltage
0
−
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
−
VDD
V
Logic inputs PRES and PRES; note 5
VIL
LOW-level input voltage
0
−
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
−
VDD
V
IIL(PRES)
LOW-level input current on
pin PRES
VOL =0V
−−
−10
µA
IIH(PRES)
HIGH-level input current on
pin PRES
−−
10
µA
Protections
Tsd
shut-down local
temperature
−
135
−°C
ICC(sd)
shut-down current at VCC
−−
90
mA
Timing
tact
activation sequence
duration
guaranteed by design;
see Fig.12
−
180
220
µs
tde
deactivation sequence
duration
guaranteed by design;
see Fig.14
50
70
100
µs
t3
start of the window for
sending CLK to the card
see Figs 10 and 11
−−
130
µs
t5
end of the window for
sending CLK to the card
see Fig.11
150
−−
µs
tIS
time from input to select
100
−−
ns
tSI
time from select to input
1000
−−
ns
tID
time from input to deselect
1000
−−
ns
tDI
time from deselect to input
100
−−
ns
tSL
time from select to low
impedance
−−
40
ns
tDZ
time from deselect to high
impedance
pull-up resistor at pin
OFF = 10 k
Ω; 1 device
−−
6ns
2 devices in parallel
−−
3ns
tr(max)
maximum rise time on pin
CS
−−
100
ns
tf(max)
maximum fall time on pin
CS
−−
100
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com