Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8002CT/C Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA8002CT/C
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002CT/C Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA8002CT/C Datasheet HTML 15Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 16Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 17Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 18Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 19Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 20Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 21Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 22Page - NXP Semiconductors TDA8002CT/C Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
1999 Oct 12
19
Philips Semiconductors
Product specification
IC card interface
TDA8002C
VOL(OFF)
LOW-level output voltage on
pin OFF
IOL(OFF) =2mA
−−
0.4
V
IOL(ALARM)
LOW-level output current on
pin ALARM
VOL(ALARM) =0V
−−
−5
µA
VOH(ALARM)
HIGH-level output voltage
on pin ALARM
IOH(ALARM) = −2mA
VDD − 1
−−
V
tW
ALARM pulse width
6
−
20
ms
Clock output (CLKOUT; powered from VDD)
fCLKOUT
frequency on CLKOUT
0
−
20
MHz
low power
−
16
−
kHz
VOL
LOW-level output voltage
IOL = 1 mA
0
−
0.5
V
VOH
HIGH-level output voltage
IOH = −1mA
VDD − 0.5 −−
V
tr, tf
rise and fall times
CL = 15 pF; notes 3 and 4
−−
8ns
δ
duty factor
CL = 15 pF; notes 3 and 4
40
−
60
%
Internal oscillator
fint
frequency of internal
oscillator
active mode
2
2.5
3
MHz
sleep mode
−
32
−
kHz
Card reset output (RST)
VO(inact)
output voltage
inactive modes
0
−
0.3
V
td(RST)
delay between RSTIN and
RST
RST enabled
−−
100
ns
VOL
LOW-level output voltage
IOL = 200 µA0
−
0.3
V
VOH
HIGH-level output voltage
IOH = −200 µAVCC − 0.5 −
VCC
V
tr, tf
rise and fall times
CL =30pF
−−
0.5
ns
Card clock output (CLK)
VO(inact)
output voltage
inactive modes
0
−
0.3
V
VOL
LOW-level output voltage
IOL = 200 µA0
−
0.3
V
VOH
HIGH-level output voltage
IOH = −50 µAVCC − 0.5 −
VCC
V
tr, tf
rise and fall times
CL = 30 pF; note 3
−−
8ns
δ
duty factor
CL = 30 pF; note 3
45
−
55
%
SR
slew rate (rise and fall)
0.2
−−
V/ns
Strobe input (STROBE)
fSTROBE
frequency on STROBE
0
−
10
MHz
VIL
LOW-level input voltage
0
−
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
−
VDD
V
Logic inputs (CLKSEL, CLKDIV1, CLKDIV2, MODE, CMDVCC and RSTIN); note 5
VIL
LOW-level input voltage
0
−
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
−
VDD
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com