Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6906 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC6906
Description  TimerBlox: Voltage Controlled Silicon Oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 4 Page - Analog Devices

  LTC6906 Datasheet HTML 1Page - Analog Devices LTC6906 Datasheet HTML 2Page - Analog Devices LTC6906 Datasheet HTML 3Page - Analog Devices LTC6906 Datasheet HTML 4Page - Analog Devices LTC6906 Datasheet HTML 5Page - Analog Devices LTC6906 Datasheet HTML 6Page - Analog Devices LTC6906 Datasheet HTML 7Page - Analog Devices LTC6906 Datasheet HTML 8Page - Analog Devices LTC6906 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LTC6990
4
Rev. D
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Test conditions are V+ = 2.25V to 5.5V, OE = V+, DIVCODE = 0 to 15
(NDIV = 1 to 128), RSET = 25k to 800k, RLOAD = ∞, CLOAD = 5pF unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC6990C is guaranteed functional over the operating
temperature range of –40°C to 85°C.
Note 3: The LTC6990C is guaranteed to meet specified performance from
0°C to 70°C. The LTC6990C is designed, characterized and expected to
meet specified performance from –40°C to 85°C but it is not tested or
QA sampled at these temperatures. The LTC6990I is guaranteed to meet
specified performance from –40°C to 85°C. The LTC6990H is guaranteed
to meet specified performance from –40°C to 125°C. The LTC6990MP is
guaranteed to meet specified performance from –55°C to 125°C.
Note 4: Frequency accuracy is defined as the deviation from the fOUT
equation, assuming RSET is used to program the frequency.
Note 5: See Operation section, Table 1 and Figure 2 for a full explanation
of how the DIV pin voltage selects the value of DIVCODE.
Note 6: The OE pin has hysteresis to accommodate slow rising or falling
signals. The threshold voltages are proportional to V+. Typical values can
be estimated at any supply voltage using VOE(RISING) ≈ 0.55 • V+ + 185mV
and VOE(FALLING) ≈ 0.48 • V+ – 155mV.
Note 7: To conform to the Logic IC Standard, current out of a pin is
arbitrarily given a negative value.
Note 8: Output rise and fall times are measured between the 10% and the
90% power supply levels with 5pF output load. These specifications are
based on characterization.
Note 9: Settling time is the amount of time required for the output to settle
within ±1% of the final frequency after a 0.5x or 2x change in ISET.
Note 10: Jitter is the ratio of the deviation of the period to the mean of the
period. This specification is based on characterization and is not 100% tested.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital I/O
OE Pin Input Capacitance
2.5
pF
OE Pin Input Current
OE = 0V to V+
l
±10
nA
VIH
High Level OE Pin Input Voltage
(Note 6)
l
0.7•V+
V
VIL
Low Level OE Pin Input Voltage
(Note 6)
l
0.3•V+
V
OUT Pin Hi-Z Leakage
OE = 0V, DIVCODE ≥ 8, OUT = 0V to V+
±10
µA
IOUT(MAX)
Maximum Output Current
±20
mA
VOH
High Level Output Voltage
(Note 7)
V+ = 5.5V
IOH = –1mA
IOH = –16mA
l
l
5.45
4.84
5.48
5.15
V
V
V+ = 3.3V
IOH = –1mA
IOH = –10mA
l
l
3.24
2.75
3.27
2.99
V
V
V+ = 2.25V
IOH = –1mA
IOH = –8mA
l
l
2.17
1.58
2.21
1.88
V
V
VOL
Low Level Output Voltage
(Note 7)
V+ = 5.5V
IOL = 1mA
IOL = 16mA
l
l
0.02
0.26
0.04
0.54
V
V
V+ = 3.3V
IOL = 1mA
IOL = 10mA
l
l
0.03
0.22
0.05
0.46
V
V
V+ = 2.25V
IOL = 1mA
IOL = 8mA
l
l
0.03
0.26
0.07
0.54
V
V
tPD
Output Disable Propagation Delay V+ = 5.5V
V+ = 3.3V
V+ = 2.25V
17
26
44
ns
ns
ns
tENABLE
Output Enable Time
NDIV ≤ 2, tOUT = 1/fOUT
NDIV ≥ 4, tMASTER = tOUT/NDIV
tPD to tOUT
tPD to 2•tMASTER
µs
µs
tr
Output Rise Time (Note 8)
V+ = 5.5V
V+ = 3.3V
V+ = 2.25V
1.1
1.7
2.7
ns
ns
ns
tf
Output Fall Time (Note 8)
V+ = 5.5V
V+ = 3.3V
V+ = 2.25V
1.0
1.6
2.4
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com