Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6906 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC6906
Description  TimerBlox: Voltage Controlled Silicon Oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 18Page - Analog Devices LTC6906 Datasheet HTML 19Page - Analog Devices LTC6906 Datasheet HTML 20Page - Analog Devices LTC6906 Datasheet HTML 21Page - Analog Devices LTC6906 Datasheet HTML 22Page - Analog Devices LTC6906 Datasheet HTML 23Page - Analog Devices LTC6906 Datasheet HTML 24Page - Analog Devices LTC6906 Datasheet HTML 25Page - Analog Devices LTC6906 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
LTC6990
22
Rev. D
For more information www.analog.com
TYPICAL APPLICATIONS
Full Range VCO with Any NDIV Setting (fMAX to fMIN for VIN = 0V to VSET)
6990 TA03
LTC6990
5V
OE
GND
SET
OUT
V+
DIV
C1
0.1µF
R1
R2
RSET
826k
5V
5V
D1
IN4148
LT1490
RVCO1
26.1k
VIN
0V TO 1V
RVCO2
26.1k
Full Range VCO with Any NDIV Setting (Positive Frequency Control, fMIN to fMAX for VIN = 0V to VSET
6990 TA04
LTC6990
5V
OE
GND
SET
OUT
V+
DIV
C1
0.1µF
R1
R2
RSET2
412k
RSET1
412k
5V
5V
LT1490
R3
10k
VIN
0V TO 1V
R4
10k
RVCO
53.6k
Programming NDIV Using an 8-Bit DAC
6990 TA02
LTC6990
OE
GND
SET
OUT
V+
DIV
C1
0.1µF
RSET
619k
2.25V TO 5.5V
C2
0.1µF
µP
LTC2630-LZ8
SDI
SCK
CS/LD
VCC
GND
VOUT
DIVCODE
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
DAC CODE
0
24
40
56
72
88
104
120
136
152
168
184
200
216
232
255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com