Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6906 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC6906
Description  TimerBlox: Voltage Controlled Silicon Oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 1 Page - Analog Devices

  LTC6906 Datasheet HTML 1Page - Analog Devices LTC6906 Datasheet HTML 2Page - Analog Devices LTC6906 Datasheet HTML 3Page - Analog Devices LTC6906 Datasheet HTML 4Page - Analog Devices LTC6906 Datasheet HTML 5Page - Analog Devices LTC6906 Datasheet HTML 6Page - Analog Devices LTC6906 Datasheet HTML 7Page - Analog Devices LTC6906 Datasheet HTML 8Page - Analog Devices LTC6906 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LTC6990
1
Rev. D
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
DESCRIPTION
The LTC®6990 is a precision silicon oscillator with a pro-
grammable frequency range of 488Hz to 2MHz. It can be
used as a fixed-frequency or voltage-controlled oscillator
(VCO). The LTC6990 is part of the TimerBlox® family of
versatile silicon timing devices.
A single resistor, RSET, programs the LTC6990’s inter-
nal master oscillator frequency. The output frequency
is determined by this master oscillator and an internal
frequency divider, NDIV, programmable to eight settings
from 1 to 128.
fOUT =
1MHz
NDIV
•
50kΩ
RSET
, NDIV = 1, 2, 4 …128
Optionally, a second resistor at the SET input provides
linear voltage control of the output frequency and can be
used for frequency modulation. A narrow or wide VCO
tuning range can be configured by the appropriate selec-
tion of the two resistors.
The LTC6990 includes an enable function that is synchro-
nized with the master oscillator to ensure clean, glitch-
free output pulses. The disabled output can be configured
to be high impedance or forced low.
For easy configuration of the LTC6990, use the TimerBlox
LTC6990: Voltage Controlled Oscillator Web-Based
Design Tool.
Voltage Controlled Oscillator with 16:1 Frequency Range
FEATURES
APPLICATIONS
n
Fixed-Frequency or Voltage-Controlled Operation
n
Fixed: Single Resistor Programs Frequency with
<1.5% Max Error
n
VCO: Two Resistors Set VCO Center Frequency
and Tuning Range
n
Frequency Range: 488Hz to 2MHz
n
2.25V to 5.5V Single Supply Operation
n
72µA Supply Current at 100kHz
n
500µs Start-Up Time
n
VCO Bandwidth >300kHz at 1MHz
n
CMOS Logic Output Sources/Sinks 20mA
n
50% Duty Cycle Square Wave Output
n
Output Enable (Selectable Low or Hi-Z When Disabled)
n
55°C to 125°C Operating Temperature Range
n
Available in Low Profile (1mm) SOT-23 (ThinSOT™)
and 2mm × 3mm DFN Package
n
AEC-Q100 Qualified for Automotive Applications
n
Low Cost Precision Programmable Oscillator
n
Voltage-Controlled Oscillator
n
High Vibration, High Acceleration Environments
n
Replacement for Fixed Crystal and Ceramic Oscillators
n
Portable and Battery-Powered Equipment
VCO Transfer Function
VCTRL (V)
0
1000
750
250
500
0
0.5
6990 TA01b
2
1
1.5
6990 TA01a
LTC6990
OE
GND
SET
OUT
V+
DIV
C1
0.1µF
RSET
100k
V+
V+
VCTRL
RVCO
100k
fOUT = 2MHz − VCTRL •
MHz
V
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patents, including 6342817, 6614313.
TimerBlox: Voltage Controlled
Silicon Oscillator


Similar Part No. - LTC6906

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6906 LINER-LTC6906 Datasheet
173Kb / 12P
Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
LTC6906 LINER-LTC6906 Datasheet
367Kb / 28P
TimerBlox: Long Timer, Low Frequency Oscillator
LTC6906 LINER-LTC6906 Datasheet
174Kb / 14P
Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
logo
Analog Devices
LTC6906 AD-LTC6906 Datasheet
1Mb / 34P
Voltage-Controlled Pulse Width Modulator (PWM)
11/19-REV.D
LTC6906 AD-LTC6906 Datasheet
755Kb / 28P
TimerBlox: Delay Block/ Debouncer
11/19-REV.C
More results

Similar Description - LTC6906

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
Linear Technology
LTC6990 LINER-LTC6990 Datasheet
317Kb / 28P
TimerBlox: Voltage Controlled Silicon Oscillator
LTC6992-1 LINER-LTC6992-1 Datasheet
328Kb / 32P
TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
LTC6991 LINER-LTC6991 Datasheet
333Kb / 24P
TimerBlox: Resettable, Low Frequency Oscillator
logo
Z-Communications, Inc
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
Linear Technology
LTC6990 LINER-LTC6990_10 Datasheet
316Kb / 28P
TimerBlox: Voltage Controlled Silicon Oscillator
LTC6995-1 LINER-LTC6995-1 Datasheet
367Kb / 28P
TimerBlox: Long Timer, Low Frequency Oscillator
LTC6990 LINER-LTC6990_15 Datasheet
406Kb / 30P
Voltage Controlled Silicon Oscillator
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com