Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6906 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC6906
Description  TimerBlox: Voltage Controlled Silicon Oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 16Page - Analog Devices LTC6906 Datasheet HTML 17Page - Analog Devices LTC6906 Datasheet HTML 18Page - Analog Devices LTC6906 Datasheet HTML 19Page - Analog Devices LTC6906 Datasheet HTML 20Page - Analog Devices LTC6906 Datasheet HTML 21Page - Analog Devices LTC6906 Datasheet HTML 22Page - Analog Devices LTC6906 Datasheet HTML 23Page - Analog Devices LTC6906 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LTC6990
20
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
Modulation Bandwidth and Settling Time
The LTC6990 will respond to changes in ISET up to a –3dB
bandwidth of 0.4 • fOUT (see Figure 15). This makes it easy
to stabilize a feedback loop around the LTC6990, since it
does not introduce a low-frequency pole.
Settling time depends on the master oscillator frequency.
Following a 2x or 0.5x step change in ISET, the output
frequency takes approximately six master clock cycles
(6 • tMASTER) to settle to within 1% of the final value. An
example is shown in Figure 16.
Power Supply Current
The power supply current varies with frequency, supply
voltage and output loading. It can be estimated under any
condition using the following equation:
IS(TYP) ≈ V+• fMASTER •7pF+ V+• fOUT•(13pF+CLOAD)
+
V+
480k
Ω
+
V+
2•RLOAD
+1.75•ISET +50µA
The equation is also valid for OE = 0 (output disabled),
with fOUT = 0Hz.
Figure 15. Modulation Frequency Response
Figure 16. Settling Time
fMOD/fOUT (Hz/Hz)
0.1
0
–20
–30
–10
–40
1
6990 F15
10
VCTRL = 0.536V + 0.278V
• SIN(2π•fMOD•t)
fOUT =18.75kHz ±10%
–3dB AT 0.4•fOUT
RSET = 200k
RVCO = 464k
DIVCODE = 4(÷16)
10µs/DIV
6990 F16
VCTRL
2V/DIV
fOUT
50kHz/DIV
OUT
2V/DIV
V+ = 3.3V, DIVCODE = 0
RSET = 200k, RVCO = 464k
fOUT = 175kHz AND 350kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com