Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27C256-12/P Datasheet(PDF) 1 Page - Microchip Technology

Part # 27C256-12/P
Description  256K (32K x 8) CMOS EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

27C256-12/P Datasheet(HTML) 1 Page - Microchip Technology

  27C256-12/P Datasheet HTML 1Page - Microchip Technology 27C256-12/P Datasheet HTML 2Page - Microchip Technology 27C256-12/P Datasheet HTML 3Page - Microchip Technology 27C256-12/P Datasheet HTML 4Page - Microchip Technology 27C256-12/P Datasheet HTML 5Page - Microchip Technology 27C256-12/P Datasheet HTML 6Page - Microchip Technology 27C256-12/P Datasheet HTML 7Page - Microchip Technology 27C256-12/P Datasheet HTML 8Page - Microchip Technology 27C256-12/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
 2004 Microchip Technology Inc.
DS11001N-page 1
27C256
FEATURES
• High speed performance
- 90 ns access time available
• CMOS Technology for low power consumption
- 20 mA Active current
- 100
µA Standby current
• Factory programming available
• Auto-insertion-compatible plastic packages
• Auto ID aids automated programming
• Separate chip enable and output enable controls
• High speed “express” programming algorithm
• Organized 32K x 8: JEDEC standard pinouts
- 28-pin Dual-in-line package
- 32-pin PLCC Package
- 28-pin SOIC package
- Tape and reel
• Data Retention > 200 years
• Available for the following temperature ranges:
- Commercial:
0°C to +70°C
- Industrial:
-40°C to +85°C
- Automotive:
-40°C to +125°C
DESCRIPTION
The Microchip Technology Inc. 27C256 is a CMOS
256K bit electrically Programmable Read Only Memory
(EPROM). The device is organized as 32K words by 8
bits (32K bytes). Accessing individual bytes from an
address transition or from power-up (chip enable pin
going low) is accomplished in less than 90 ns. This very
high speed device allows the most sophisticated micro-
processors to run at full speed without the need for
WAIT states. CMOS design and processing enables
this part to be used in systems where reduced power
consumption and reliability are requirements.
A complete family of packages is offered to provide the
most flexibility in applications. For surface mount appli-
cations, PLCC, or SOIC packaging is available. Tape
and reel packaging is also available for PLCC or SOIC
packages.
PACKAGE TYPES
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VPP
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
VSS
VCC
A14
A13
A8
A9
A11
OE
A10
CE
O7
O6
O5
O4
O3
A6
A5
A4
A3
A2
A1
A0
NC
O0
A8
A9
A11
NC
OE
A10
CE
O7
O6
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
PLCC
DIP/SOIC
256K (32K x 8) CMOS EPROM
Obsolete Device


Similar Part No. - 27C256-12/P

ManufacturerPart #DatasheetDescription
logo
Macronix International
27C256-12 MCNIX-27C256-12 Datasheet
764Kb / 15P
256K-BIT [32K x 8] CMOS EPROM
logo
Microchip Technology
27C256-12 MICROCHIP-27C256-12 Datasheet
67Kb / 12P
256K (32K x 8) CMOS EPROM
1996
logo
NXP Semiconductors
27C256-12A PHILIPS-27C256-12A Datasheet
558Kb / 14P
256K-bit CMOS EPROM (32K x 8)
November 12 1990
27C256-12D PHILIPS-27C256-12D Datasheet
558Kb / 14P
256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
Microchip Technology
27C256-12EL MICROCHIP-27C256-12EL Datasheet
67Kb / 12P
256K (32K x 8) CMOS EPROM
1996
More results

Similar Description - 27C256-12/P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27256 STMICROELECTRONICS-M27256 Datasheet
93Kb / 10P
NMOS 256K 32K x 8 UV EPROM
Nov-2000
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
256K 32K x 8 OTP CMOS EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
256K 32K x 8 Low Voltage OTP CMOS EPROM
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
256K-BIT [32K x 8] CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
256K (32K x 8) CMOS EPROM
1996
27LV256 MICROCHIP-27LV256 Datasheet
64Kb / 12P
256K (32K x 8) Low-Voltage CMOS EPROM
1996
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
Microchip Technology
27LV256 MICROCHIP-27LV256_04 Datasheet
132Kb / 10P
256K (32K x 8) Low-Voltage CMOS EPROM
2004
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
256K (32K x 8) OTP EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
256K (32K x 8-Bit) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com