Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP609I/P Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP609I/P
Description  2.5V TO 5.5V MICROPOWER CMOS OP AMPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP609I/P Datasheet(HTML) 5 Page - Microchip Technology

  MCP609I/P Datasheet HTML 1Page - Microchip Technology MCP609I/P Datasheet HTML 2Page - Microchip Technology MCP609I/P Datasheet HTML 3Page - Microchip Technology MCP609I/P Datasheet HTML 4Page - Microchip Technology MCP609I/P Datasheet HTML 5Page - Microchip Technology MCP609I/P Datasheet HTML 6Page - Microchip Technology MCP609I/P Datasheet HTML 7Page - Microchip Technology MCP609I/P Datasheet HTML 8Page - Microchip Technology MCP609I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
© 2005 Microchip Technology Inc.
DS11177D-page 5
MCP606/7/8/9
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = +2.5V to +5.5V, VSS = GND, TA =25°C, VCM =VDD/2, VOUT ≈ VDD/2,
RL =100 kΩ to VDD/2 and CL =60pF.
FIGURE 2-1:
Input Offset Voltage at
V
DD =5.5V.
FIGURE 2-2:
Input Offset Voltage at
V
DD =2.5V.
FIGURE 2-3:
Quiescent Current vs.
Power Supply Voltage.
FIGURE 2-4:
Input Offset Voltage Drift
Magnitude at V
DD =5.5V.
FIGURE 2-5:
Input Offset Voltage Drift
Magnitude at V
DD =2.5V.
FIGURE 2-6:
Quiescent Current vs.
Ambient Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
2%
4%
6%
8%
10%
12%
14%
16%
Input Offset Voltage (µV)
1200 Samples
VDD = 5.5V
0%
2%
4%
6%
8%
10%
12%
14%
16%
Input Offset Voltage (µV)
1200 Samples
V
DD = 2.5V
0
2
4
6
8
10
12
14
16
18
20
22
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Power Supply Voltage (V)
T
A = +85°C
T
A = +25°C
TA = -40°C
0%
5%
10%
15%
20%
25%
Input Offset Voltage Drift Magnitude (µV/°C)
1200 Samples
V
DD = 5.5V
0%
5%
10%
15%
20%
25%
Input Offset Voltage Drift Magnitude (µV/°C)
1200 Samples
V
DD = 2.5V
12
14
16
18
20
22
24
-50
-25
0
255075
100
Ambient Temperature (°C)
V
DD = 5.5V
V
DD = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com