Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP609I/P Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP609I/P
Description  2.5V TO 5.5V MICROPOWER CMOS OP AMPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP609I/P Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP609I/P Datasheet HTML 10Page - Microchip Technology MCP609I/P Datasheet HTML 11Page - Microchip Technology MCP609I/P Datasheet HTML 12Page - Microchip Technology MCP609I/P Datasheet HTML 13Page - Microchip Technology MCP609I/P Datasheet HTML 14Page - Microchip Technology MCP609I/P Datasheet HTML 15Page - Microchip Technology MCP609I/P Datasheet HTML 16Page - Microchip Technology MCP609I/P Datasheet HTML 17Page - Microchip Technology MCP609I/P Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
MCP606/7/8/9
DS11177D-page 14
© 2005 Microchip Technology Inc.
4.7.4
THREE OP AMP
INSTRUMENTATION AMPLIFIER
A classic, three op amp instrumentation amplifier is
illustrated in Figure 4-9. The two input op amps provide
differential signal gain and a common mode gain of +1.
The output op amp is a difference amplifier, which
converts its input signal from differential to a single
ended output; it rejects common mode signals at its
input. The gain of this circuit is simply adjusted with one
resistor (RG). The reference voltage (VREF) is typically
referenced to mid-supply (VDD/2) in single-supply
applications.
FIGURE 4-9:
Three op amp
Instrumentation Amplifier.
4.7.5
PRECISION GAIN WITH GOOD
LOAD ISOLATION
In Figure 4-10, the MCP606 op amps, R1 and R2
provide a high gain to the input signal (VIN). The
MCP606’s low offset voltage makes this an accurate
circuit.
The MCP601 is configured as a unity-gain buffer. It
isolates the MCP606’s output from the load, increasing
the high-gain stage’s precision. Since the MCP601 has
a higher output current, with the two amplifiers being
housed in separate packages, there is minimal change
in the MCP606’s offset voltage due to loading effect.
FIGURE 4-10:
Precision Gain with Good
Load Isolation.
V
OUT
V
1
V
2
–
() 1
2R
2
R
G
---------
+
⎝⎠
⎜⎟
⎛⎞ R
4
R
3
------
⎝⎠
⎜⎟
⎛⎞
V
REF
+
=
R2
MCP607
VREF
V1
½
R4
R3
MCP606
R2
RG
MCP607
VOUT
V2
½
R4
R3
V
OUT
V
IN 1R2 R1
⁄
+
()
=
R2
R1
MCP606
VOUT
VIN
MCP601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com