Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP609I/P Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP609I/P
Description  2.5V TO 5.5V MICROPOWER CMOS OP AMPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP609I/P Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP609I/P Datasheet HTML 4Page - Microchip Technology MCP609I/P Datasheet HTML 5Page - Microchip Technology MCP609I/P Datasheet HTML 6Page - Microchip Technology MCP609I/P Datasheet HTML 7Page - Microchip Technology MCP609I/P Datasheet HTML 8Page - Microchip Technology MCP609I/P Datasheet HTML 9Page - Microchip Technology MCP609I/P Datasheet HTML 10Page - Microchip Technology MCP609I/P Datasheet HTML 11Page - Microchip Technology MCP609I/P Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
MCP606/7/8/9
DS11177D-page 8
© 2005 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = +2.5V to +5.5V, VSS = GND, TA =25°C, VCM =VDD/2, VOUT ≈ VDD/2,
RL =100 kΩ to VDD/2 and CL =60pF.
FIGURE 2-19:
Output Voltage Headroom
vs. Output Current Magnitude.
FIGURE 2-20:
Maximum Output Voltage
Swing vs. Frequency.
FIGURE 2-21:
Slew Rate vs. Ambient
Temperature.
FIGURE 2-22:
Output Voltage Headroom
vs. Ambient Temperature at RL =5kΩ.
FIGURE 2-23:
The MCP606/7/8/9 Show
No Phase Reversal.
FIGURE 2-24:
Output Short Circuit Current
Magnitude vs. Ambient Temperature.
1
10
100
1000
0.1
1
10
100
Output Current (mA)
V
DD - VOH, VDD = 2.5V
VOL - VSS, VDD = 2.5V
V
DD - VOH, VDD = 5.5V
VOL - VSS, VDD = 5.5V
0.1
1
10
1.E+02
1.E+03
1.E+04
1.E+05
Frequency (Hz)
V
DD = 2.5V
100
100k
10k
1k
V
DD = 5.5V
0.00
0.02
0.04
0.06
0.08
0.10
0.12
-50
-25
0
25
50
75
100
Ambient Temperature (°C)
Low to High
High to Low
0
5
10
15
20
25
30
35
40
-50
-25
0
25
50
75
100
Ambient Temperature (°C)
VDD – VOH, VDD = 5.5V
V
OL – VSS, VDD = 5.5V
R
L = 5 kΩ
V
DD – VOH, VDD = 2.5V
VOL – VSS, VDD = 2.5V
-1
0
1
2
3
4
5
6
Time (100 µs/div)
VOUT
VIN
G = +2 V/V
VDD = 5.0V
0
5
10
15
20
25
-50
-25
0
25
50
75
100
Ambient Temperature (°C)
+ISC , VDD = 2.5V
| -ISC |, VDD = 2.5V
+ISC , VDD = 5.5V
| -I
SC |, VDD = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com