Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP609I/P Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP609I/P
Description  2.5V TO 5.5V MICROPOWER CMOS OP AMPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP609I/P Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP609I/P Datasheet HTML 8Page - Microchip Technology MCP609I/P Datasheet HTML 9Page - Microchip Technology MCP609I/P Datasheet HTML 10Page - Microchip Technology MCP609I/P Datasheet HTML 11Page - Microchip Technology MCP609I/P Datasheet HTML 12Page - Microchip Technology MCP609I/P Datasheet HTML 13Page - Microchip Technology MCP609I/P Datasheet HTML 14Page - Microchip Technology MCP609I/P Datasheet HTML 15Page - Microchip Technology MCP609I/P Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
MCP606/7/8/9
DS11177D-page 12
© 2005 Microchip Technology Inc.
After selecting RISO for your circuit, double-check the
resulting
frequency
response
peaking
and
step
response overshoot. Modify RISO’s value until the
response is reasonable. Bench evaluation and simula-
tions with the MCP606/7/8/9 SPICE macro model are
helpful.
4.4
MCP608 Chip Select (CS)
The MCP608 is a single op amp with Chip Select (CS).
When CS is pulled high, the supply current drops to
50 nA (typ.) and flows through the CS pin to VSS. When
this happens, the amplifier output is put into a high-
impedance state. By pulling CS low, the amplifier is
enabled. If the CS pin is left floating, the amplifier may
not operate properly. Figure 1-1 shows the output
voltage and supply current response to a CS pulse.
4.5
Supply Bypass
With this family of operational amplifiers, the power
supply pin (VDD for single-supply) should have a local
bypass capacitor (i.e., 0.01 µF to 0.1 µF) within 2 mm
for good high-frequency performance. It also needs a
bulk capacitor (i.e., 1 µF or larger) within 100 mm to
provide large, slow currents. This bulk capacitor can be
shared with other nearby analog parts.
4.6
PCB Surface Leakage
In applications where low input bias current is critical,
Printed Circuit Board (PCB) surface-leakage effects
need to be considered. Surface leakage is caused by
humidity, dust or other contamination on the board.
Under low humidity conditions, a typical resistance
between nearby traces is 1012
Ω. A 5V difference would
cause 5 pA of current to flow, which is greater than the
MCP606/7/8/9 family’s bias current at 25°C (1 pA, typ.).
The easiest way to reduce surface leakage is to use a
guard ring around sensitive pins (or traces). The guard
ring is biased at the same voltage as the sensitive pin.
An example of this type of layout is shown in Figure 4-4.
FIGURE 4-4:
Example Guard Ring Layout
for Inverting Gain.
1.
Non-inverting Gain and Unity-gain Buffer:
a)
Connect the non-inverting pin (VIN+) to the
input with a wire that does not touch the
PCB surface.
b)
Connect the guard ring to the inverting input
pin (VIN–). This biases the guard ring to the
common mode input voltage.
2.
Inverting
Gain
and
Transimpedance
Gain
(convert current to voltage, such as photo
detectors) amplifiers:
a)
Connect the guard ring to the non-inverting
input pin (VIN+). This biases the guard ring
to the same reference voltage as the op
amp (e.g., VDD/2 or ground).
b)
Connect the inverting pin (VIN–) to the input
with a wire that does not touch the PCB
surface.
4.7
Application Circuits
4.7.1
LOW-SIDE BATTERY CURRENT
SENSOR
The MCP606/7/8/9 op amps can be used to sense the
load current on the low-side of a battery using the
circuit in Figure 4-5. In this circuit, the current from the
power supply (minus the current required to power the
MCP606) flows through a sense resistor (RSEN), which
converts it to voltage. This is gained by the the amplifier
and resistors, RG and RF.Since the non-inverting input
of the amplifier is at the load’s negative supply (VLM),
the gain from RSEN to VOUT is RF/RG.
FIGURE 4-5:
Low Side Battery Current
Sensor.
Since the input bias current and input offset voltage of
the MCP606 are low, and the input is capable of swing-
ing below ground, there is very little error generated by
the amplifier. The quiescent current is very low, which
helps conserve battery power. The rail-to-rail output
makes it possible to read very low currents.
Guard Ring
V
SS
VIN-VIN+
V
OUT
V
LM
I
+
L
R
SEN
R
F
R
G
⁄
()
=
RF
To Load
2.5V
RG
MCP606
5k
Ω
50 k
Ω
To Load
VOUT
RSEN
10
Ω
(VLM)
(VLP)
IL
to
5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com