Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3202-CI/MS Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP3202-CI/MS
Description  2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3202-CI/MS Datasheet(HTML) 3 Page - Microchip Technology

  MCP3202-CI/MS Datasheet HTML 1Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 2Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 3Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 4Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 5Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 6Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 7Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 8Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
© 2006 Microchip Technology Inc.
DS21034D-page 3
MCP3202
Sample Capacitor
C
SAMPLE
—
20
—
pF
See Figure 4-1
Digital Input/Output:
Data Coding Format
Straight Binary
High Level Input Voltage
V
IH
0.7 V
DD
——
V
Low Level Input Voltage
V
IL
——
0.3 V
DD
V
High Level Output Voltage
V
OH
4.1
—
—
V
I
OH = -1 mA, VDD = 4.5V
Low Level Output Voltage
V
OL
——
0.4
V
I
OL = 1 mA, VDD = 4.5V
Input Leakage Current
I
LI
-10
—
10
µA
V
IN = VSS or VDD
Output Leakage Current
I
LO
-10
—
10
µA
V
OUT = VSS or VDD
Pin Capacitance
(All Inputs/Outputs)
C
IN, COUT
—
—
10
pF
V
DD = 5.0V (Note 1)
T
AMB = 25 °C, f = 1 MHz
Timing Parameters:
Clock Frequency
f
CLK
——
1.8
0.9
MHz
MHz
V
DD = 5V (Note 2)
V
DD = 2.7V (Note 2)
Clock High Time
t
HI
250
—
—
ns
Clock Low Time
t
LO
250
—
—
ns
CS Fall To First Rising CLK
Edge
t
SUCS
100
—
—
ns
Data Input Setup Time
t
SU
—
—
50
ns
Data Input Hold Time
t
HD
—
—
50
ns
CLK Fall To Output Data Valid
t
DO
—
—
200
ns
See Test Circuits, Figure 1-2
CLK Fall To Output Enable
t
EN
—
—
200
ns
See Test Circuits, Figure 1-2
CS Rise To Output Disable
t
DIS
—
—
100
ns
See Test Circuits, Figure 1-2
Note 1
CS Disable Time
t
CSH
500
—
—
ns
D
OUT Rise Time
t
R
—
—
100
ns
See Test Circuits, Figure 1-2
Note 1
D
OUT Fall Time
t
F
—
—
100
ns
See Test Circuits, Figure 1-2
Note 1
Power Requirements:
Operating Voltage
V
DD
2.7
—
5.5
V
Operating Current
I
DD
—
375
550
µA
V
DD = 5.0V, DOUT unloaded
Standby Current
I
DDS
—0.5
5
µA
CS = V
DD = 5.0V
Temperature Ranges:
Specified Temperature Range
T
A
-40
—
+85
°C
Operating Temperature Range
T
A
-40
—
+85
°C
Storage Temperature Range
T
A
-65
—
+150
°C
Thermal Package Resistance:
Thermal Resistance, 8L-PDIP
θ
JA
—85
—
°C/W
Thermal Resistance, 8L-SOIC
θ
JA
—
163
—
°C/W
Thermal Resistance, 8L-MSOP
θ
JA
—
206
—
°C/W
Thermal Resistance, 8L-TSSOP
θ
JA
——
°C/W
ELECTRICAL CHARACTERISTICS (CONTINUED)
All parameters apply at V
DD = 5.5V, VSS = 0V, TAMB = -40°C to +85 °C, fSAMPLE = 100 ksps and fCLK = 18*fSAMPLE
unless otherwise noted.
Parameter
Sym
Min.
Typ.
Max.
Units
Conditions
Note 1: This parameter is established by characterization and not 100% tested.
2: Because the sample cap will eventually lose charge, effective clock rates below 10 kHz can affect linearity
performance, especially at elevated temperatures. See Section 6.2 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com