Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3202-CI/MS Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP3202-CI/MS
Description  2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3202-CI/MS Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP3202-CI/MS Datasheet HTML 8Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 9Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 10Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 11Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 12Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 13Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 14Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 15Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
MCP3202
DS21034D-page 12
© 2006 Microchip Technology Inc.
FIGURE 4-1:
Analog Input Model.
FIGURE 4-2:
Maximum Clock Frequency vs. Input
Resistance (R
S)
to maintain less than a 0.1 LSB
deviation in INL from nominal conditions.
C
PIN
VA
R
SS
CHx
7pF
V
T = 0.6V
V
T = 0.6V
I
LEAKAGE
Sampling
Switch
SS
R
S = 1 kΩ
C
SAMPLE
= DAC capacitance
V
SS
V
DD
= 20 pF
±1 nA
Legend
VA
=
signal source
R
SS
=
source impedance
CHx
=
input channel pad
C
PIN
=
input pin capacitance
V
T
=
threshold voltage
I
LEAKAGE
=
leakage current at the pin
due to various junctions
SS
=
sampling switch
R
S
=
sampling switch resistor
C
SAMPLE
=
sample/hold capacitance
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
100
1000
10000
Input Resistance (Ohms)
VDD = 5V
VDD = 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com