Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3202-CI/MS Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP3202-CI/MS
Description  2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3202-CI/MS Datasheet(HTML) 5 Page - Microchip Technology

  MCP3202-CI/MS Datasheet HTML 1Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 2Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 3Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 4Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 5Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 6Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 7Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 8Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
© 2006 Microchip Technology Inc.
DS21034D-page 5
MCP3202
2.0
TYPICAL PERFORMANCE CHARACTERISTICS
Note: Unless otherwise indicated, V
DD = 5V, VSS = 0V, fSAMPLE
= 100 ksps, fCLK = 18* fSAMPLE,TA = 25°C
FIGURE 2-1:
Integral Nonlinearity (INL) vs. Sample
Rate.
FIGURE 2-2:
Integral Nonlinearity (INL) vs. V
DD
.
FIGURE 2-3:
Integral Nonlinearity (INL) vs. Code
(Representative Part).
FIGURE 2-4:
Integral Nonlinearity (INL) vs. Sample
Rate (V
DD = 2.7V).
FIGURE 2-5:
Integral Nonlinearity (INL) vs. V
DD
.
FIGURE 2-6:
Integral Nonlinearity (INL) vs. Code
(Representative Part, V
DD = 2.7V).
Note:
The graphs provided following this note are a statistical summary based on a limited number of samples
and are provided for informational purposes only. The performance characteristics listed herein are not
tested or guaranteed. In some graphs, the data presented may be outside the specified operating range
(e.g., outside specified power supply range) and therefore outside the warranted range.
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
150
Sample Rate (ksps)
Positive INL
Negative INL
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
3.0
3.5
4.0
4.5
5.0
VDD(V)
Positive INL
Negative INL
FSAMPLE = 100 ksps
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
512
1024
1536
2048
2560
3072
3584
4096
Digital Code
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
0
2040
6080
100
Sample Rate (ksps)
VDD = 2.7V
Positive INL
Negative INL
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
2.53.0
3.54.0
4.5
5.0
VDD(V)
Positive INL
Negative INL
FSAMPLE = 50 ksps
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
512
1024
1536
2048
2560
3072
3584
4096
Digital Code
VDD = 2.7V
FSAMPLE = 50 ksps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com