Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3202-CI/MS Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP3202-CI/MS
Description  2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3202-CI/MS Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP3202-CI/MS Datasheet HTML 12Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 13Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 14Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 15Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 16Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 17Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 18Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 19Page - Microchip Technology MCP3202-CI/MS Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
MCP3202
DS21034D-page 16
© 2006 Microchip Technology Inc.
6.2
Maintaining Minimum Clock Speed
When the MCP3202 initiates the sample period, charge
is stored on the sample capacitor. When the sample
period is complete, the device converts one bit for each
clock that is received. It is important for the user to note
that a slow clock rate will allow charge to bleed off the
sample cap while the conversion is taking place. At
85°C (worst case condition), the part will maintain
proper charge on the sample capacitor for at least
1.2 ms after the sample period has ended. This means
that the time between the end of the sample period and
the time that all 12 data bits have been clocked out
must not exceed 1.2 ms (effective clock frequency of
10 kHz). Failure to meet this criteria may induce linear-
ity errors into the conversion outside the rated specifi-
cations. It should be noted that during the entire
conversion cycle, the A/D Converter does not require a
constant clock speed or duty cycle, as long as all timing
specifications are met.
6.3
Buffering/Filtering the Analog Inputs
If the signal source for the A/D Converter is not a low
impedance source, it will have to be buffered or inaccu-
rate conversion results may occur. It is also recom-
mended that a filter be used to eliminate any signals
that may be aliased back into the conversion results.
This is illustrated in Figure 6-3 below where an op amp
is used to drive the analog input of the MCP3202. This
amplifier provides a low impedance output for the con-
verter input and a low pass filter, which eliminates
unwanted high frequency noise.
Low pass (anti-aliasing) filters can be designed using
Microchip’s interactive FilterLab™ software. FilterLab
will calculate capacitor and resistor values, as well as,
determine the number of poles that are required for the
application. For more information on filtering signals,
see the application note AN699 “Anti-Aliasing Analog
Filters for Data Acquisition Systems.
”
FIGURE 6-3:
The MCP601 Operational Amplifier is
used to implement a 2nd order anti-aliasing filter for
the signal being converted by the MCP3202.
6.4
Layout Considerations
When laying out a printed circuit board for use with
analog components, care should be taken to reduce
noise wherever possible. A bypass capacitor should
always be used with this device and should be placed
as close as possible to the device pin. A bypass capac-
itor value of 0.1 µF is recommended.
Digital and analog traces should be separated as much
as possible on the board and no traces should run
underneath the device or the bypass capacitor. Extra
precautions should be taken to keep traces with high
frequency signals (such as clock lines) as far as possi-
ble from analog traces.
Use of an analog ground plane is recommended in
order to keep the ground potential the same for all
devices on the board. Providing VDD connections to
devices in a “star” configuration can also reduce noise
by eliminating current return paths and associated
errors. See Figure 6-4. For more information on layout
tips when using A/D Converters, refer to AN688 “Lay-
out Tips for 12-Bit A/D Converter Applications”
(DS00688).
FIGURE 6-4:
V
DD
traces
arranged
in
a
‘Star’
configuration in order to reduce errors caused by
current return paths.
MCP3202
V
DD
10
μF
IN-
IN+
-
+
V
IN
C1
C2
0.1
μF
MCP601
R1
R2
R3
R4
VDD
Connection
Device 1
Device 2
Device 3
Device 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com