Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1071 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC1071
Description  50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1071 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC1071 Datasheet HTML 6Page - Microchip Technology TC1071 Datasheet HTML 7Page - Microchip Technology TC1071 Datasheet HTML 8Page - Microchip Technology TC1071 Datasheet HTML 9Page - Microchip Technology TC1071 Datasheet HTML 10Page - Microchip Technology TC1071 Datasheet HTML 11Page - Microchip Technology TC1071 Datasheet HTML 12Page - Microchip Technology TC1071 Datasheet HTML 13Page - Microchip Technology TC1071 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TC1070/TC1071/TC1187
DS21353D-page 10
© 2007 Microchip Technology Inc.
4.0
DETAILED DESCRIPTION
The TC1070, TC1071 and TC1187 are adjustable
output voltage regulators. (If a fixed version is desired,
please see the TC1014/TC1015/TC1185 data sheet.)
Unlike bipolar regulators, the TC1070, TC1071 and
TC1187 supply current does not increase with load
current. In addition, VOUT remains stable and within
regulation over the entire 0 mA to IOUTMAX operating
load current range, (an important consideration in RTC
and CMOS RAM battery back-up applications).
Figure
shows a typical application circuit. The
regulator is enabled any time the shutdown input
(SHDN) is at or above VIH, and shutdown (disabled)
when SHDN is at or below VIL. SHDN may be
controlled by a CMOS logic gate, or I/O port of a
microcontroller. If the SHDN input is not required, it
should be connected directly to the input supply. While
in shutdown, supply current decreases to 0.05
μA
(typical), VOUT falls to zero volts.
FIGURE 4-1:
Battery-Operated Supply
4.1
Adjust Input
The output voltage setting is determined by the values
of R1 and R2 (Equation 4-1). The ohmic values of these
resistors should be between 470K and 3M to minimize
bleeder current.
The output voltage setting is calculated using the
following equation.
EQUATION 4-1:
The voltage adjustment range of the TC1070, TC1071
and TC1187 is from VREF to (VIN – 0.05V). If so desired,
a small capacitor (10 pF to 0.01
μF) may be added to
the ADJ input to further reduce output noise.
4.2
Output Capacitor
A 1
μF (minimum) capacitor from VOUT to ground is
recommended. The output capacitor should have an
effective series resistance greater than 0.1
Ω and less
than 5.0
Ω, and a resonant frequency above 1 MHz. A
1
μF capacitor should be connected from VIN to GND
if there is more than 10 inches of wire between the
regulator and the AC filter capacitor, or if a battery is
used as the power source. Aluminum electrolytic or
tantalum capacitor types can be used. (Since many
aluminum
electrolytic
capacitors
freeze
at
approximately -30°C, solid tantalums are recom-
mended for applications operating below -25°C.)
When operating from sources other than batteries,
supply-noise rejection and transient response can be
improved by increasing the value of the input and
output capacitors and employing passive filtering
techniques.
TC1070
TC1071
TC1187
VOUT
SHDN
GND
C2
1
μF
+
VIN
+2.45V
Shutdown Control
(from Power
Control Logic)
C1
1
μF
+
3.0V
Battery
+
C3
100 pF
to 0.01
μF
(Optional)
R1
470K
1
5
2
4
3
ADJ
R2
470K
VOUT = VREF x
[ + 1]
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com