Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1071 Datasheet(PDF) 15 Page - Microchip Technology

Part # TC1071
Description  50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1071 Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC1071 Datasheet HTML 11Page - Microchip Technology TC1071 Datasheet HTML 12Page - Microchip Technology TC1071 Datasheet HTML 13Page - Microchip Technology TC1071 Datasheet HTML 14Page - Microchip Technology TC1071 Datasheet HTML 15Page - Microchip Technology TC1071 Datasheet HTML 16Page - Microchip Technology TC1071 Datasheet HTML 17Page - Microchip Technology TC1071 Datasheet HTML 18Page - Microchip Technology TC1071 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
© 2007 Microchip Technology Inc.
DS21353D-page 15
TC1070/TC1071/TC1187
APPENDIX A: REVISION HISTORY
Revision D (March 2007)
• Ground current changed to 50 µA.
• Package type changed to SOT-23.
• Section 3.0 “Pin Descriptions”: Added pin
descriptions.
• Section 6.0 “Packaging Information”: Updated
packaging information.
Revision C (January 2006)
• Undocumented changes.
Revision B (May 2002)
• Undocumented changes.
Revision A (March 2002)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com