Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1071 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC1071
Description  50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1071 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC1071 Datasheet HTML 7Page - Microchip Technology TC1071 Datasheet HTML 8Page - Microchip Technology TC1071 Datasheet HTML 9Page - Microchip Technology TC1071 Datasheet HTML 10Page - Microchip Technology TC1071 Datasheet HTML 11Page - Microchip Technology TC1071 Datasheet HTML 12Page - Microchip Technology TC1071 Datasheet HTML 13Page - Microchip Technology TC1071 Datasheet HTML 14Page - Microchip Technology TC1071 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
© 2007 Microchip Technology Inc.
DS21353D-page 11
TC1070/TC1071/TC1187
5.0
THERMAL CONSIDERATIONS
5.1
Thermal Shutdown
Integrated thermal protection circuitry shuts the
regulator off when die temperature exceeds 160°C.
The regulator remains off until the die temperature
drops to approximately 150°C.
5.2
Power Dissipation
The amount of power the regulator dissipates is
primarily a function of input and output voltage, and
output current. The following equation is used to
calculate worst-case actual power dissipation:
EQUATION 5-1:
The
maximum
allowable
power
dissipation
(Equation 4-2) is a function of the maximum ambient
temperature (TAMAX), the maximum allowable die
temperature (TJMAX) and the thermal resistance from
junction-to-air (
θJA). The 5-Pin SOT-23 package has a
θJA of approximately 220° C/Watt.
EQUATION 5-2:
Equation 5-1 can be used in conjunction with
Equation 4-2 to ensure regulator thermal operation is
within limits. For example:
Given:
VINMAX
= 3.0V ±10%
VOUTMIN
= 2.7V – 2%
ILOADMAX
= 40 mA
TJMAX
= 125°C
TAMAX
= 55°C
Find: 1. Actual power dissipation
2. Maximum allowable dissipation
Actual power dissipation:
PD ≈ (VINMAX – VOUTMIN)ILOADMAX
= [(3.0 x 1.10) – (2.7 x .0.98)]40 x 10–3
= 26.2 mW
Maximum allowable power dissipation:
In this example, the TC1070 dissipates a maximum of
26.2 mW which is below the allowable limit of 318 mW.
In a similar manner, Equation 5-1 and Equation 5-2 can
be used to calculate maximum current and/or input
voltage limits.
5.3
Layout Considerations
The primary path of heat conduction out of the package
is via the package leads. Therefore, layouts having a
ground plane, wide traces at the pads, and wide power
supply bus lines combine to lower
θJA and therefore
increase the maximum allowable power dissipation
limit.
Where:
P D≈ (VINmax – VOUTmin)ILOADmax
PD
VINMAX
VOUTMIN
ILOADMAX
= Worst-case actual power dissipation
= Minimum regulator output voltage
= Maximum output (load) current
= Maximum voltage on VIN
PDMAX = (TJMAX – TAMAX)
θJA
where all terms are previously defined.
PDMAX = (TJMAX – TAMAX)
θJA
= (125 – 55)
220
= 318 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com