Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1071 Datasheet(PDF) 17 Page - Microchip Technology

Part # TC1071
Description  50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1071 Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC1071 Datasheet HTML 12Page - Microchip Technology TC1071 Datasheet HTML 13Page - Microchip Technology TC1071 Datasheet HTML 14Page - Microchip Technology TC1071 Datasheet HTML 15Page - Microchip Technology TC1071 Datasheet HTML 16Page - Microchip Technology TC1071 Datasheet HTML 17Page - Microchip Technology TC1071 Datasheet HTML 18Page - Microchip Technology TC1071 Datasheet HTML 19Page - Microchip Technology TC1071 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
© 2007 Microchip Technology Inc.
DS21353D-page 17
TC1070/TC1071/TC1187
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
XXXXX
Package
Temperature
Range
Device
Device
TC1070: 50 mA, Adjustable CMOS LDO w/Shutdown
TC1071: 100 mA, Adjustable CMOS LDO w/Shutdown
TC1187: 150 mA, Adjustable CMOS LDO w/Shutdown
Temperature Range
V
= -40
°C to +125°C
Package
CT713 =
Plastic small outline transistor (OT) SOT-23,
5 lead, (tape and reel).
Examples:
a)
TC1070VCT713:
50 mA, Adjustable
5LD SOT-23 package
b)
TC1071VCT713:
100 mA, Adjustable,
5LD SOT-23 package
c)
TC1187VCT713:
150 mA, Adjustable
5LD SOT-23 package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com