Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB212 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PI5USB212
Description  USB 2.0 Signal Conditioner
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB212 Datasheet(HTML) 4 Page - Diodes Incorporated

  PI5USB212 Datasheet HTML 1Page - Diodes Incorporated PI5USB212 Datasheet HTML 2Page - Diodes Incorporated PI5USB212 Datasheet HTML 3Page - Diodes Incorporated PI5USB212 Datasheet HTML 4Page - Diodes Incorporated PI5USB212 Datasheet HTML 5Page - Diodes Incorporated PI5USB212 Datasheet HTML 6Page - Diodes Incorporated PI5USB212 Datasheet HTML 7Page - Diodes Incorporated PI5USB212 Datasheet HTML 8Page - Diodes Incorporated PI5USB212 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
A Product Line of
Diodes Incorporated
PI5USB212
Symbol
Description
Test Conditions
Min.
Typ.
Max.
Units
Power
IACTIVE
High-speed (HS) active current
USB channel in HS mode with
traffic
22
30
mA
IIDLE
High-speed idle current
USB channel in HS mode with-
out traffic
14
22
mA
ISUSPE
High-speed suspend current
USB channel in HS Suspend
mode
0.55
1.5
mA
IFS_LS
Full/Low speed current
USB channel in FS/LS mode
0.6
1.5
mA
IDISC
Disconnect current
No USB attachment
0.7
1.5
mA
IRSTN
Disable current
RSTB = 0V
13
80
µA
ILKG_FS
Pin fail-safe leakage current for SDA,
SCL/CD, DxP/N, RSTN, SEN/HS
VCC = 0V, Tested Pin = 5.5V
40
µA
RSTN
VIH
High-level input voltage
1.05
5.5
V
VIL
Low-level input voltage
0
0.4
V
IIH
High-level input current
VRSTN = VCC
-15
15
µA
IIL
Low-level input current
VRSTN = 0V
-20
20
µA
SEN
VIH
High-level input voltage
1.6
V
VIF
Floating-level input voltage
1.0
1.5
V
VIL
Low-level input voltage
0.8
V
IIH
High-level input current
VSEN = VCC
-5
5
uA
IIL
Low-level input current
VSEN = 0V
-5
5
uA
April 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI5USB212
Document Number DS44950 Rev 5-2
www.diodes.com
Storage Temperature ......................................................–55°C to +125°C
Supply Voltage ..................................................................–0.5V to +6.0V
USB IO Voltage ................................................................–0.5V to +6.0V
Control Input Voltage........................................................–0.5V to +6.0V
Output Current ................................................................................10mA
ESD: HBM Mode ...........................................................................2000V
Note:
StressesgreaterthanthoselistedunderMAXIMUMRATINGS
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to ab-
solute maximum rating conditions for extended periods may
affect reliability.
(Above which useful life may be impaired. For user guidelines, not tested.)
Maximum Ratings
Symbol
Description
Test Conditions
Min.
Typ.
Max.
Units
VCC
Supply Voltage
2.3
5.5
V
TA
Ambient Temperature
-40
85
oC
Recommended Operating Conditions
DC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com