Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB212 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI5USB212
Description  USB 2.0 Signal Conditioner
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB212 Datasheet(HTML) 2 Page - Diodes Incorporated

  PI5USB212 Datasheet HTML 1Page - Diodes Incorporated PI5USB212 Datasheet HTML 2Page - Diodes Incorporated PI5USB212 Datasheet HTML 3Page - Diodes Incorporated PI5USB212 Datasheet HTML 4Page - Diodes Incorporated PI5USB212 Datasheet HTML 5Page - Diodes Incorporated PI5USB212 Datasheet HTML 6Page - Diodes Incorporated PI5USB212 Datasheet HTML 7Page - Diodes Incorporated PI5USB212 Datasheet HTML 8Page - Diodes Incorporated PI5USB212 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
A Product Line of
Diodes Incorporated
PI5USB212
April 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI5USB212
Document Number DS44950 Rev 5-2
www.diodes.com
2
1
3
4
5
6
12
11
10
9
7
8
SDA
SCL/CD
RSTN
BOOST
VCC
NC
GND
SEN/HS
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1, 2
D1N, D1P
I/O
USB High speed port
3
SDA
I/O
500kΩ internal pulled high and 1.8MΩ internal pulled down.
In I2C mode:
Bidirectional I2C data pin; Connected to a pull-up resistor
During power up, pulled up SDA and SCL/CD with Rpu (<10kΩ) to enter I2C mode OR
floating to enter Pin mode
In Pin mode: Do not connect
4
SCL/CD
I/O
In I2C mode: I2C Clock pin
During power up, pulled up SDA and SCL/CD with Rpu (<10kΩ) to enter I2C mode OR
floating to enter Pin mode (500kΩ pull-down during RSTN rising)
In Pin mode:
Output CD, Flag indicating that a USB device is attached. Asserted from an unconnected
state upon detection of DP or DM pull up resistor. De-asserted upon detection of discon-
nect.
5
RSTN
I
Device disable/enable.
Low – Device is at RESET and in shutdown, and
High – Normal operation.
500kΩ internal pulled high and 1.8MΩ internal pulled down.
Recommend 0.1-uF external capacitor to GND to ensure clean power on reset if not driven.
If the pin is driven, it must be held low until the supply voltage for the device reaches
within specifications.
6
BOOST
I
USB High Speed Boost selection.
Select via external pull down resistor.
Sampled upon de-assertion of RSTN. Does not recognize real time adjustments.
7, 8
D2P, D2N
I/O
USB High speed port



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com