Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB212 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI5USB212
Description  USB 2.0 Signal Conditioner
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB212 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI5USB212 Datasheet HTML 1Page - Diodes Incorporated PI5USB212 Datasheet HTML 2Page - Diodes Incorporated PI5USB212 Datasheet HTML 3Page - Diodes Incorporated PI5USB212 Datasheet HTML 4Page - Diodes Incorporated PI5USB212 Datasheet HTML 5Page - Diodes Incorporated PI5USB212 Datasheet HTML 6Page - Diodes Incorporated PI5USB212 Datasheet HTML 7Page - Diodes Incorporated PI5USB212 Datasheet HTML 8Page - Diodes Incorporated PI5USB212 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
April 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI5USB212
Document Number DS44950 Rev 5-2
www.diodes.com
A Product Line of
Diodes Incorporated
PI5USB212
USB 2.0 Signal Conditioner
b
P
Lead-free Green
Functional Block Diagram
Description
The DIODES PI5USB212 is an USB2.0 Signal conditioner to
boost the signals and insert pre-emphasis to compensate the
ISI signal loss in the channels before and after the conditioner.
Patent-pending Design to maintain stable common mode with
symmetrical Boost/Pre-emphasis on D+/D-.
The PI5USB212 can be used in USB Host or Device application,
far from USB PHY or far from connector application. Boost/
Pre-emphasis and Receiver Sensitivity levels can be configured
through pin or I2C mode depending on the channel conditions.
Device Attach and High-Speed handshake success are also de-
tected and reported.
Application(s)
y
Notebooks
y
PCs
y
Docking
y
Cable Extenders
y
TVs
y
Monitors
HS Conditioner
Status
SEN
D1P
D1N
D2P
D2N
BOOST
SCL/SDA
CD
HS
USB
PHY
USB
Connector
Features
y
Wide Supply Voltage Range: 2.3V to 5.5V
y
USB Ports 5.5V Tolerance
y
Low Power Consumption in Disconnect and Shutdown Mode
y
Compatible with USB2.0, OTG 2.0 and BC 1.2
y
Host or Device Agnostic
y
Boost/Pre-Emphasis Level and Receiver Sensitivity Programming
through Pin Mode or I2C Mode
y
Symmetrical Boost/Pre-Emphasis on D+/D- to Maintain Stable
Common Mode
y
Device Attach and High-Speed Detections
y
Supports Up to 5m Cable Length
y
ESD Performance: 2KV HBM, 1KV CDM
y
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
y
Halogen and Antimony Free. “Green” Device (Note 3)
y
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
y
Packaging (Pb-free & Green):
à
12-contact, X2QFN (XUA)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.
Ordering Code
Package
Code
Package
Description
Pin 1 Location
PI5USB212XUAEX
XUA
X2-QFN1616-12 Top Left Corner
PI5USB212XUAEX-7R
XUA
X2-QFN1616-12 Top Right Corner
Notes:
• E = Pb-free and Green
• X suffix = Tape/Reel
Ordering Information


Similar Part No. - PI5USB212

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI5USB216Q DIODES-PI5USB216Q Datasheet
1Mb / 11P
Automotive Grade USB 2.0 Signal Conditioner
Rev 4-2 April 2024
PI5USB216Q2XUAEX DIODES-PI5USB216Q2XUAEX Datasheet
1Mb / 11P
Automotive Grade USB 2.0 Signal Conditioner
Rev 4-2 April 2024
More results

Similar Description - PI5USB212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB212 TI1-TUSB212 Datasheet
833Kb / 21P
USB 2.0 High Speed Signal Conditioner
TUSB213 TI1-TUSB213 Datasheet
839Kb / 22P
USB 2.0 High Speed Signal Conditioner
TUSB214-Q1 TI1-TUSB214-Q1 Datasheet
857Kb / 23P
USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
TUSB215 TI1-TUSB215 Datasheet
844Kb / 23P
USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB212 TI1-TUSB212_17 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB212-Q1 TI1-TUSB212-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB213-Q1 TI1-TUSB213-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB215-Q1 TI1-TUSB215-Q1 Datasheet
929Kb / 26P
USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB211A TI-TUSB211A Datasheet
2Mb / 24P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
TUSB211A TI-TUSB211A_V01 Datasheet
2Mb / 25P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com