Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB212 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PI5USB212
Description  USB 2.0 Signal Conditioner
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB212 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PI5USB212 Datasheet HTML 3Page - Diodes Incorporated PI5USB212 Datasheet HTML 4Page - Diodes Incorporated PI5USB212 Datasheet HTML 5Page - Diodes Incorporated PI5USB212 Datasheet HTML 6Page - Diodes Incorporated PI5USB212 Datasheet HTML 7Page - Diodes Incorporated PI5USB212 Datasheet HTML 8Page - Diodes Incorporated PI5USB212 Datasheet HTML 9Page - Diodes Incorporated PI5USB212 Datasheet HTML 10Page - Diodes Incorporated PI5USB212 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
A Product Line of
Diodes Incorporated
PI5USB212
April 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI5USB212
Document Number DS44950 Rev 5-2
www.diodes.com
I2C Mode
PI5USB212 supports 1MHz down-to-1.2V I2C for device configuration and status readback. This controller is enabled after SCL and
SDA pins are sampled high shortly after de-assertion of RSTN. Otherwise, pin mode is enabled. In I2C mode, the registers can be ac-
cessed by I2C read/write transaction to 7-bit slave address 0x2C.
Address Register Type Reset Value
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00h
Reserved RW
00000000b Reserved
01h
Control
RW
0000xxxxb
Receiver Equaliza-
tion Level
00 (Lowest)
01
10
11 (Highest)
Boost/Pre-emphasis Level
Receiver Sensitivity
Level
00 (Lowest)
01
10
11 (Highest)
Default value set by
SEN pin sampling
during startup
Coarse
00 (Lowest)
01
10
11 (Highest)
Fine
00 (Lowest)
01
10
11 (Highest)
Default value set by BOOST pin sampling
during startup
02h
Device
ID
R
10110000b Device ID: 10110
Revision: 000
Device Functional Modes
Low Speed (LS) Mode/Full Speed (FS) Mode
PI5USB212 automatically detects a LS/FS connection and does not enable signal compensation. In pin mode, CD pin is asserted high.
High Speed (HS) Mode
PI5USB212 automatically detects a HS connection and will enable signal compensation. In pin mode, CD and HS pins are asserted high.
OTG Mode/B.C.1.2 Mode
PI5USB212 does not enable signal compensation for OTG or B.C.1.2 signals. In pin mode, CD pin is asserted low.
Shutdown Mode
PI5USB212 is disabled when its RSTN pin is asserted low. In shutdown mode the USB channel is still fully operational, but there is
neither signal compensation nor any indication from the CD or HS pin as to the status of the channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com