Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM833 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM833
Description  Low Noise Dual Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM833 Datasheet(HTML) 1 Page - STMicroelectronics

  LM833_05 Datasheet HTML 1Page - STMicroelectronics LM833_05 Datasheet HTML 2Page - STMicroelectronics LM833_05 Datasheet HTML 3Page - STMicroelectronics LM833_05 Datasheet HTML 4Page - STMicroelectronics LM833_05 Datasheet HTML 5Page - STMicroelectronics LM833_05 Datasheet HTML 6Page - STMicroelectronics LM833_05 Datasheet HTML 7Page - STMicroelectronics LM833_05 Datasheet HTML 8Page - STMicroelectronics LM833_05 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev 2
July 2005
1/9
9
LM833
Low Noise Dual Operational Amplifier
■ Low voltage noise: 4.5nV/
√Hz
■ High gain bandwidth product: 15MHz
■ High slew rate: 7V/µs
■ Low distortion: 0.002%
■ Excellent frequency stability
■ ESD protection 2kV
Description
The LM833 is a monolithic dual operational
amplifier
particularly
well
suited
for
audio
applications.
It offers low voltage noise (4.5nV/
√Hz) and high
frequency performances (15MHz Gain Bandwidth
product, 7V/µs slew rate).
In addition the LM833 has also a very low
distortion (0.002%) and excellent phase/gain
margins.
Pin Connections (top view)
Order Codes
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
1
2
3
45
6
7
8
-
+
-
+
Output 1
Inverting input 1
Non-inverting input 1
V
CC
VCC
Output 2
Inverting input 2
Non-inverting input 2
-
+
Part Number
Temperature
Range
Package
Packaging
Marking
LM833N
-40, +105°C
DIP8
Tube
LM833N
LM833D/DT
S8-8
Tube or Tape & Reel
833
LM833YD/YDT
-40, +125°C
SO-8 (automotive grade level)
Tube or Tape & Reel
833Y
www.st.com


Similar Part No. - LM833_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM833 ONSEMI-LM833_05 Datasheet
100Kb / 8P
Low Noise, Audio Dual Operational Amplifier
December, 2005 ??Rev. 5
More results

Similar Description - LM833_05

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
ON Semiconductor
MC33077 ONSEMI-MC33077 Datasheet
237Kb / 12P
DUAL, LOW NOISE OPERATIONAL AMPLIFIER
1996 REV 0
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
Dual Low-Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
STMicroelectronics
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
Low noise dual operational amplifier
03-Mar-2008
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580 Datasheet
112Kb / 9P
Dual Low Noise Operational Amplifier
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
Low-Noise Dual Operational Amplifier
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
ON Semiconductor
MC33077DG ONSEMI-MC33077DG Datasheet
179Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
Dual Low Noise Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com