Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM833 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM833
Description  Low Noise Dual Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM833 Datasheet(HTML) 2 Page - STMicroelectronics

  LM833_05 Datasheet HTML 1Page - STMicroelectronics LM833_05 Datasheet HTML 2Page - STMicroelectronics LM833_05 Datasheet HTML 3Page - STMicroelectronics LM833_05 Datasheet HTML 4Page - STMicroelectronics LM833_05 Datasheet HTML 5Page - STMicroelectronics LM833_05 Datasheet HTML 6Page - STMicroelectronics LM833_05 Datasheet HTML 7Page - STMicroelectronics LM833_05 Datasheet HTML 8Page - STMicroelectronics LM833_05 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute Maximum Ratings
LM833
2/9
1
Absolute Maximum Ratings
Table 1.
Key parameters and their absolute maximum ratings
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
±18 or +36
V
Vid
Differential Input Voltage - note (1)
1.
Either or both input voltages must not exceed the magnitude of Vcc+ or Vcc-.
±30
V
Vi
Input Voltage - see note 1
±15
V
Output Short Circuit Duration
Infinite
s
Toper
Operating Free-Air Temperature Range
-40 to 105
°C
Tj
Junction Temperature
+150
°C
Tstg
Storage Temperature
-65 to +150
°C
Ptot
Maximum Power Dissipation - note (2)
2.
Power dissipation must be considered to ensure maximum junction temperature (Tj) is not exceeded.
500
mW
ESD
HBM: Human Body Model(3)
3.
Human body model, 100pF discharged through a 1.5k
Ω resistor into pin of device.
2kV
MM: Machine Model(4)
4.
Machine model ESD, a 200pF cap is charged to the specified voltage, then discharged directly into the IC with
no external series resistor (internal resistor < 5
Ω), into pin to pin of device.
200
V
CDM: Charged Device Model
1500
V
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
±2.5 to ±15
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com