Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM833 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM833
Description  Low Noise Dual Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM833 Datasheet(HTML) 4 Page - STMicroelectronics

  LM833_05 Datasheet HTML 1Page - STMicroelectronics LM833_05 Datasheet HTML 2Page - STMicroelectronics LM833_05 Datasheet HTML 3Page - STMicroelectronics LM833_05 Datasheet HTML 4Page - STMicroelectronics LM833_05 Datasheet HTML 5Page - STMicroelectronics LM833_05 Datasheet HTML 6Page - STMicroelectronics LM833_05 Datasheet HTML 7Page - STMicroelectronics LM833_05 Datasheet HTML 8Page - STMicroelectronics LM833_05 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical Characteristics
LM833
4/9
3
Electrical Characteristics
Table 3.
VCC
+ = +15V, V
CC
- = -15V, T
amb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.Typ.Max.
Unit
Vio
Input Offset Voltage (Rs = 10Ω, Vo = 0V, Vic = 0V)
0.3
5
mV
DVio
Input Offset Voltage Drift
Rs = 10Ω, Vo = 0V, Tmin. ≤ Tamb ≤ Tmax.
2
µV/°C
Iio
Input Offset Current (Vo = 0V, Vic = 0V)
25
200
nA
Iib
Input Bias Current (Vo = 0V, Vic = 0V)
300
1000
nA
Vicm
Input Common Mode Voltage Range
±12
±14
V
Avd
Large Signal Voltage Gain (RL = 2kΩ, Vo = ±10V)
90
100
dB
±Vopp
Output Voltage Swing (Vid = ±1V)
RL = 2.0kΩ
RL = 2.0kΩ
RL = 10kΩ
RL = 10kΩ
10
12
13.7
-14
13.9
-14.4
-10
-12
V
CMR
Common-mode Rejection Ratio (Vic = ±13V)
80
100
dB
SVR
Supply Voltage Rejection Ratio
(VCC
+ / V
CC
- = +15V / -15V to +5V / -5V)
80
105
dB
ICC
Supply Current (Vo = 0V, All amplifiers)
48
mA
SR
Slew Rate (Vi = -10V to +10V, RL = 2kΩ, AV = +1)
57
V/µs
GBP
Gain Bandwidth Product (RL = 2kΩ, CL = 100pF, f = 100kHz)
10
15
MHz
B
Unity Gain Bandwidth (Open loop)
9
MHz
φm
Phase Margin (RL = 2kΩ)
60
Degrees
en
Equivalent Input Noise Voltage (RS = 100Ω, f = 1kHz)
4.5
in
Equivalent Input Noise Current (f = 1kHz)
0.5
THD
Total Harmonic Distortion
(RL = 2kΩ, f = 20Hz to 20kHz, Vo = 3Vrms, AV = +1)
0.002
%
VO1/VO2 Channel Separation (f = 20Hz to 20kHz)
120
dB
FPB
Full Power Bandwidth (Vo = 27Vpp, RL = 2kΩ, THD ≤ 1%)
120
kHz
nV
Hz
------------
pA
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com