Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM833 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM833
Description  Low Noise Dual Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM833 Datasheet(HTML) 5 Page - STMicroelectronics

  LM833_05 Datasheet HTML 1Page - STMicroelectronics LM833_05 Datasheet HTML 2Page - STMicroelectronics LM833_05 Datasheet HTML 3Page - STMicroelectronics LM833_05 Datasheet HTML 4Page - STMicroelectronics LM833_05 Datasheet HTML 5Page - STMicroelectronics LM833_05 Datasheet HTML 6Page - STMicroelectronics LM833_05 Datasheet HTML 7Page - STMicroelectronics LM833_05 Datasheet HTML 8Page - STMicroelectronics LM833_05 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LM833
Electrical Characteristics
5/9
Figure 2.
Total supply current vs. supply
voltage
Figure 3.
Output voltage vs. supply voltage
Figure 4.
Equivalent input noise voltage vs.
frequency
Figure 5.
Output short circuit current vs.
output voltage
Figure 6.
Output voltage vs. supply voltage
Figure 7.
THD+ noise vs. frequency
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
5
10
15
20
25
30
Supply Voltage (V)
-15
-10
-5
0
5
10
15
0
5
10
15
Supply Voltage (V)
Vid = ±1V
RL = 600Ω
VCC = ±15V, G = 100
Rs = 100, Tamb = 25°C
-40
-30
-20
-10
0
10
20
30
40
50
010
20
30
Output Voltage (V)
VCC = 0/30V
Tamb = 25°C
-15
-10
-5
0
5
10
15
0
5
10
15
Supply Voltage (V)
Vid = ±1V
RL = 2kΩ
0.001
0.01
0.1
1
0.01
0.1
1
10
100
Frequency (kHz)
RL = 2kΩ, Vo = 3Vrms
VCC = ±15V, Av = 1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com