Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST8024
Description  Smartcard interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST8024_06 Datasheet HTML 3Page - STMicroelectronics ST8024_06 Datasheet HTML 4Page - STMicroelectronics ST8024_06 Datasheet HTML 5Page - STMicroelectronics ST8024_06 Datasheet HTML 6Page - STMicroelectronics ST8024_06 Datasheet HTML 7Page - STMicroelectronics ST8024_06 Datasheet HTML 8Page - STMicroelectronics ST8024_06 Datasheet HTML 9Page - STMicroelectronics ST8024_06 Datasheet HTML 10Page - STMicroelectronics ST8024_06 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
ST8024
Electrical characteristics
7/30
4
Electrical characteristics
Table 5.
Electrical characteristics over recommended operating condition (VDD = 3.3V, VDDP =
5V, fXTAL = 10MHz, unless otherwise noted. Typical values are to TA = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Supply voltage
2.7
6.5
V
VDDP
Supply voltage for the
voltage doubler
VCC = 5V; |ICC| < 80 mA
4.0
5
6.5
V
VCC = 5V; |ICC| < 20 mA
3.0
6.5
IDD
Supply current
Card Inactive
1.2
mA
Card Active; fCLK = fXTAL; CL = 30pF
1.5
IDDP
DC/DC converter supply
current
Inactive mode
0.1
mA
Active mode; fCLK = fXTAL; CL = 30pF; |ICC|
= 0
10
VCC = 5V; |ICC| = 80 mA
200
VCC = 3V; |ICC| = 65 mA
100
Vth2
Falling threshold voltage
on VDD
no external resistors at pin PORADJ;
VDD level falling
2.35
2.45
2.55
V
VHYS2
Hysteresis of threshold
voltage Vth2
no external resistors at pin PORADJ
50
100
150
mV
Vth(ext)rise
External rising threshold
voltage on VDD
external resistor bridge at pin PORADJ;
VDD level rising
1.25
1.28
1.31
V
Vth(ext)fall
External falling threshold
voltage on VDD
external resistor bridge at pin PORADJ;
VDD level falling
1.19
1.22
1.25
V
VHYS(ext)
Hysteresis of threshold
voltage Vth(ext)
external resistor bridge at pin PORADJ
30
60
90
mV
∆VHYS(ext)
Hysteresis of threshold
voltage Vth(ext) variation
with temperature
external resistor bridge at pin PORADJ
0.25
mV/K
tW
Width of internal Power-
On reset pulse
no external resistor at pin PORADJ
4
8
12
ms
external resistor bridge at pin PORADJ
8
16
24
IL
Leakage current on pin
PORADJ
VPORADJ < 0.5 V
-0.1
4
10
µA
VPORADJ > 1.0 V
-1
1
PTOT
Total power dissipation
Continuous operation; Ta = -25 to 85°C
0.56
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com