Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST8024
Description  Smartcard interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST8024_06 Datasheet HTML 6Page - STMicroelectronics ST8024_06 Datasheet HTML 7Page - STMicroelectronics ST8024_06 Datasheet HTML 8Page - STMicroelectronics ST8024_06 Datasheet HTML 9Page - STMicroelectronics ST8024_06 Datasheet HTML 10Page - STMicroelectronics ST8024_06 Datasheet HTML 11Page - STMicroelectronics ST8024_06 Datasheet HTML 12Page - STMicroelectronics ST8024_06 Datasheet HTML 13Page - STMicroelectronics ST8024_06 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Electrical characteristics
ST8024
10/30
tT(DI)
Data Input transition time
VIL max to VIH min
1.2
µs
tT(DO)
Data Output transition time
VO = 0 to VCC; CL ≤80 pF; 10% to
90%
0.1
µs
IPU
Current when pull-up active
VOH = 0.9VCC; CL = 80 pF
-1
mA
Table 10.
Data lines to card reader (pins I/O, AUX1 AND AUX2 with integrated 11k
Ω Pull-up
resistor to VCC (VDD = 3.3V, VDDP = 5V, fXTAL = 10MHz, unless otherwise noted. Typical
values are to TA = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Table 11.
Data lines to microcontroller (pins I/OUC, AUX1UC AND AUX2UC with integrated 11k
Ω
Pull-up resistor to VDD (VDD = 3.3V, VDDP = 5V, fXTAL = 10MHz, unless otherwise noted.
Typical values are to TA = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOH
High Level Output Voltage
5 and 3 V card; IOH < −40µA
0.75 VDD
VDD+0.1
V
No DC Load
0.9 VDD
VDD+0.1
VOL
Low Level Output Voltage
IOL = 1 mA
0
0.3
V
VIH
High Level Input Voltage
0.7 VDD
VDD+0.3
V
VIL
Low Level Input Voltage
-0.3
0.3 VDD
V
|ILIH|
High Level Input Leakage
Current
VIH = VDD
10
µA
|IL|
Low Level Input Current
VIL = 0 V
600
µA
RPU
Internal pull-up resistance to
VDD
Pull-up resistor to VDD
911
13
k
Ω
tT(DI)
Data Input transition time
VIL(max) to VIH(min)
1.2
µs
tT(DO)
Data Output transition time
VO = 0 to VDD; CL < 30 pF;
10% to 90%
0.1
µs
IPU
Current when pull-up active
VOH = 0.9VDD; CL = 30 pF
-1
mA
Table 12.
Internal oscillator (VDD = 3.3V, VDDP = 5V, fXTAL = 10MHz, unless otherwise noted.Typical
values are to TA = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
fOSC(INT)
Frequency of internal oscillator
Inactive mode
55
140
200
kHz
Active mode
2.2
2.7
3.2
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com