Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST8024
Description  Smartcard interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST8024_06 Datasheet HTML 7Page - STMicroelectronics ST8024_06 Datasheet HTML 8Page - STMicroelectronics ST8024_06 Datasheet HTML 9Page - STMicroelectronics ST8024_06 Datasheet HTML 10Page - STMicroelectronics ST8024_06 Datasheet HTML 11Page - STMicroelectronics ST8024_06 Datasheet HTML 12Page - STMicroelectronics ST8024_06 Datasheet HTML 13Page - STMicroelectronics ST8024_06 Datasheet HTML 14Page - STMicroelectronics ST8024_06 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
ST8024
Electrical characteristics
11/30
Table 13.
Reset output to card reader (pin RST) (VDD = 3.3V, VDDP = 5V, fXTAL = 10MHz, unless
otherwise noted. Typical values are to TA = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO(inactive)
Output Voltage in Inactive
Mode
IO(inactive) = 1 mA
0
0.3
V
No Load
0
0.1
IO(inactive)
Output Current
Inactive mode; pin grounded
0
-1
mA
tD(RSTIN-RST) RSTN to RST Delay
RST Enable
2
µs
VOL
Low Level Output Voltage
IOL = 200 µA
0
0.2
V
IOL = 20 mA (current limit)
VCC-0.4
VCC
VOH
High Level Output Voltage
IOH = -200 µA
0.9VCC
VCC
V
IOH = -20 mA (current limit)
0
0.4
tR, tF
Rise and fall time
CL = 100 pF; VCC = 5 or 3 V
0.1
µs
Table 14.
Clock output to card reader (pin CLK) (VDD = 3.3V, VDDP = 5V, fXTAL = 10MHz, unless
otherwise noted. Typical values are to TA = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO(inactive)
Output voltage in inactive mode
IO(inactive) = 1 mA
0
0.3
V
No Load
0
0.1
IO(inactive)
Output current
CLK Inactive mode; pin
grounded
0-1
mA
VOL
Low level output voltage
IOL = 200 µA
0
0.3
V
IOL = 70 mA (current
limit)
VCC-0.4
VCC
VOH
High level output voltage
IOH = -200 µA
0.9VCC
VCC
V
IOH = -70 mA (current
limit)
00.4
tR, tF
Rise and fall time
CL = 30 pF (Note 4)16
ns
δ
Duty factor (except for fXTALS)CL = 30 pF (Note 4)45
55
%
SR
Slew rate
Slew up or down;
CL = 30 pF
0.2
V/ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com