Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST8024
Description  Smartcard interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024 Datasheet(HTML) 4 Page - STMicroelectronics

  ST8024_06 Datasheet HTML 1Page - STMicroelectronics ST8024_06 Datasheet HTML 2Page - STMicroelectronics ST8024_06 Datasheet HTML 3Page - STMicroelectronics ST8024_06 Datasheet HTML 4Page - STMicroelectronics ST8024_06 Datasheet HTML 5Page - STMicroelectronics ST8024_06 Datasheet HTML 6Page - STMicroelectronics ST8024_06 Datasheet HTML 7Page - STMicroelectronics ST8024_06 Datasheet HTML 8Page - STMicroelectronics ST8024_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Pin configuration
ST8024
4/30
2
Pin configuration
Figure 2.
Pin connections
Table 1.
Pin description
Pin N°
Symbol
Name and function
1
CLKDIV1
Control of CLK Frequency
2
CLKDIV2
Control of CLK Frequency
35V/3V
VCC selection pin.
4
PGND
Power Ground for Step-Up converter
5
C1+
External Cap. for Step-Up converter
6VDDP
Power Supply for Step-Up converter
7
C1-
External Cap. Step-Up converter
8VUP
Output of Step-Up converter
9PRES
Card Presence Input (Active Low)
10
PRES
Card Presence Input (Active High)
11
I/O
Data Line to and from card (C7) (internal 11k
Ω pull-up resistor connected to VCC)
12
AUX2
Auxiliary line to and from card (C8) (internal 11k
Ω pull-up resistor connected to VCC)
13
AUX1
Auxiliary line to and from card (C4) (internal 11k
Ω pull-up resistor connected to VCC)
14
CGND
Ground for card signal (C5)
15
CLK
Clock to card (C3)
16
RST
Card Reset (C2)
17
VCC
Supply Voltage for the card (C1)
18
VTHSEL
Deactivation threshold selector pin (under voltage lock-out)
19
CMDVCC
Start activation sequence input (Active Low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com