Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA020D Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA020D
Description  96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA020D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA020D Datasheet HTML 3Page - STMicroelectronics STA020D Datasheet HTML 4Page - STMicroelectronics STA020D Datasheet HTML 5Page - STMicroelectronics STA020D Datasheet HTML 6Page - STMicroelectronics STA020D Datasheet HTML 7Page - STMicroelectronics STA020D Datasheet HTML 8Page - STMicroelectronics STA020D Datasheet HTML 9Page - STMicroelectronics STA020D Datasheet HTML 10Page - STMicroelectronics STA020D Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
RST and CBL (TRNPT is low)
When RST goes low, the differential line drivers
are set to ground. In order to properly synchro-
nize the ST020 to the audio serial port, the trans-
mit timing counters, which include CBL, are not
enabled after RST goes high until eight and one
half SCK periods after reset is exited) of FSYNC.
When FSYNC is configured as a left/right signal
(all defined formats except 2), the counters and
CBL are not enabled until the right sample is be-
ing transmitted). This guarantees that channel A
is left and channel B is right as per the digital
audio interface specs.
As shown in Figure 4, channel block start output
(CBL), can assist in serially inputting the C, U and
V bits as CBL goes high one bit period before the
first bit of the preamble of the first sub-frame of
the channel status block is transmitted. This sub-
frame contains channel status byte 0, bit 0. CBL
returns low one bit period before the start of the
frame that contains bit 0 of channel status byte
16. CBL is not available when the CD subcode
port is enabled.
Figure 4 illustrates timing for stereo data input on
the audio port. Notice how CBL rises while the
right channel data (Right 0) is input, but the pre-
vious left channel (Left 0) is being transmitted as
the first sub-frame of the channel status block
(starting with preamble Z). The C, U, and V input
ports only need to be valid for a short period after
FSYNC changes. A sub-frame includes one
audio sample while a frame includes a stereo
pair. A channel status (C.S.) block contains 24
bytes of channel status and 384 audio samples
(or 192 stereo pairs, or frames, of samples).
Figure 4 shows the CUV ports as having left and
right bits (e.g. CUV0L, CUV0R). Since the C.S.
block is defined as 192 bits, or one bit per frame,
there are actually 2 C.S. blocks, one for channel
A (left) and one for channel B (right). When input-
ting stereo audio data, both blocks normally con-
tain the same information, so C0L and C0R from
the input port pin are both channel status bit 0 of
byte 0, which is defined as professional/con-
sumer. These first two bits from the port, C0L and
C0R, are logically OR’ed with the inverse PRO,
since PRO is a dedicated channel status pin de-
fined as C.S. bit 0.
Also, if in professional mode, C1, C6, C7 and C9
are dedicated C.S. pins. The inverse of C1 is logi-
cally OR’ed with channel status input ports bits
C1L and C1R. In similar fashion, C6, C7 and C9
are OR’ed with their respective input bits. Also,
the C bits in CUV128L and CUV128R are both
channel status block bit 128, which is bit 0 of
channel status byte 16.
CUV0L
CUV191R
CUV0R
CUV0L
CUV1L
CUV0R
CUV1R
CUV1L
CUV128R
CUV128L
CUV0L
CUV191R
CUV0R
CUV0L
LEFT 0
RIGHT 0
LEFT 1
LEFT 128
RIGHT 128
LEFT 0
RIGHT 0
C BITS FROM CPIN
C BITS OR'ed
w/PRO pin
C BITS OR'ed
w/C1 pin
BITS 0 of C.S.
BLOCK BYTE 16
RIGHT 191
LEFT 0
RIGHT 0
LEFT
128
RIGHT
128
Preamble Y
VUCP191R
Preamble Z
VUCP0L
Preamble Y
VUCP0R
VUCP127R
Preamble X
VUCP128L
Preamble Y
Preamble Z
Aux Data
LSB
Left 0 - Audio Data
MSB V0 U0 C0 P0
28 29 30 31
27
8
37
4
0
SUB-FRAME
bit
D99AU990
SDATA
TRNPT high
CBL
TRNPT low
FSYNC
C,U,V
TRNPT high
TRNPT low
TXP
TXN
Figure 4. CBL and Transmitter Timing.
STA020D
7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com