Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA020D Datasheet(PDF) 2 Page - STMicroelectronics

Part # STA020D
Description  96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA020D Datasheet(HTML) 2 Page - STMicroelectronics

  STA020D Datasheet HTML 1Page - STMicroelectronics STA020D Datasheet HTML 2Page - STMicroelectronics STA020D Datasheet HTML 3Page - STMicroelectronics STA020D Datasheet HTML 4Page - STMicroelectronics STA020D Datasheet HTML 5Page - STMicroelectronics STA020D Datasheet HTML 6Page - STMicroelectronics STA020D Datasheet HTML 7Page - STMicroelectronics STA020D Datasheet HTML 8Page - STMicroelectronics STA020D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VD+
DC Power Supply
4
V
VIND
Digital Input Voltage
-0.3 to VD+ 0.3
V
Tamb
Ambient Operating Temperature (power applied)
-20 to +85
°C
Tstg
Storage Temperature
-40 to 150
°C
RECOMMNDED OPERATING CONDITIONS (GND = 0V; all voltages with respect to ground)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VD+
DC Voltage
3
3.3
3.6
V
Tamb
Ambient Operating Temp.
0
25
70
°C
SCK
FSYNC
SDATA
V
C/SBF
C9/C15
U
1
3
2
4
5
6
7
8
9
EM1/C8
CBL/SBC
EM0/C9
RST
TXN
GND
VD+
19
18
17
16
15
13
14
D97AU608A
10
11
12
24
23
22
21
20
C7/C3
PRO
C1/FC0
C6/C2
MCK
TXP
M2
M1
M0
TRNPT/FC1
PIN CONNECTION
PINS DESCRIPTION
N.
Name
Function
Power Supply Connections
18
GND
Ground.
19
VD+
Positive Digital Power. Nominally +3.3V.
Audio Input Interface
6
SCK
Serial Clock.
Serial clock for SDATA pin which can be configured (via the M0, M1 and M2 pins) as an input
or output and can sample data on the rising or falling edge.As an output, SCK will contain 32
clocks for every audio sample.
7
FSYNC
Frame Sync.
Delineates the serial data and may indicate the particular channel, left or right and may be an
input or output. The format is based on M0, M1 and M2 pins.
STA020D
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com