Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA020D Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA020D
Description  96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA020D Datasheet(HTML) 3 Page - STMicroelectronics

  STA020D Datasheet HTML 1Page - STMicroelectronics STA020D Datasheet HTML 2Page - STMicroelectronics STA020D Datasheet HTML 3Page - STMicroelectronics STA020D Datasheet HTML 4Page - STMicroelectronics STA020D Datasheet HTML 5Page - STMicroelectronics STA020D Datasheet HTML 6Page - STMicroelectronics STA020D Datasheet HTML 7Page - STMicroelectronics STA020D Datasheet HTML 8Page - STMicroelectronics STA020D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
N.
Name
Function
8
SDATA
Serial Data.
Audio data serial input pin.
21,
22,23
M0, M1, M2
Serial Port Mode Select.
Selects the format of FSYNC and the sample edge of SCK with respect to SDATA.
Control Pins
1
C7/C3
Channel Status Bit 7/Channel Status Bit 3.
In professional mode, C7 is the inverse of channel status bit 7. In consumer mode, C3 is the
inverse of channel status bit 3, C7/C3 are ignored in Transparent Mode.
2
PRO
Professional/Consumer Select.
Selects between professional mode (PRO low) and consumer mode (PRO high). This pin
defines the functionality of the channel status parallel pins. PRO is ignored in Transparent
Mode.
3
C1/FC0
Channel Status Bit 1/Frequency Control 0.
In professional mode, C1 is the inverse of channel status bit 1. In consumer mode, FC0 and
FC1 are encoded versions of channel status bits 24 and 25 (bits 0 and 1 of byte 3). When
FC0 and FC1 are both high, CD mode is selected. C1/FC0 are ignored in Transparent Mode.
4
C6/C2
Channel Status Bit 6/Channel Status Bit 2.
In professional mode, C6 is the inverse of channel status bit 6. In consumer mode, C2 is the
inverse of channel status bit 2. C6/C2 are ignored in Transparent Mode.
9
V
Validity.
Validity bit serial input port. This bit is defined as per the digital audio standards wherein V = 0
signifies the audio signal is suitable for conversion to analog. V = 1 signifies the audio signal is
not suitable for conversion to analog, i.e. invalid.
10
C/SBF
Channel Status Serial Input/Subcode Frame Clock.
In professional and consumer modes this pin is the channel status serial input port. In CD
mode this pin inputs the CD subcode frame clock.
11
U
User Bit.
User bit serial input port.
12
C9/C15
Channel Status Bit 9/Channel Status Bit 15.
In professional mode, C9 is the inverse of channel status bit 9 (bit 1 of byte 1). In consumer
mode, C15 is the inverse of channel status bit 15 (bit 7 of byte 1). C9/C15 are ignored in
Transparent Mode.
13
EM1/C8
Emphasis 1/Channel Status Bit 8.
In professional mode, EM0 and EM1 encode channel status bits 2, 3 and 4. In consumer
mode, C8 is the inverse of channel status bit 8 (bit 0 of byte 1). EM1/C8 are ignored in
Transparent Mode.
14
EM0/C9
Emphasis 0/Channel Status Bit 9.
In professional mode, EM0 and EM1 encode channel status bits 2, 3 and 4. In consumer
mode, C9 is the inverse of channel status bit 9 (bit 1 of byte 1). EM0/C9 are ignored in
Transparent Mode.
15
CBL/SBC
Channel Status Block Output/Subcode Bit Clock.
In professional and consumer modes, the channel status block output is high for the first 15
bytes of channel status. In CD mode, this pin outputs the subcode bit clock.
16
RST
Master Reset.
When low, all internal counters are reset.
24
TRNPT/FC1
Transparent Mode/Frequency Control 1.
In professional mode, setting TRNPT low selects normal operation & CBL is an output. Setting
TRNPT high, allows the STA020D to be connected directly to an STA120. In transparent
mode, CBL is an input & MCK must be at 256 Fs. In consumer mode, FC0 and FC1 are
encoded versions of channel status bits 24 and 25. When FC0 and FC1 are both high, CD
mode is selected.
Transmitter Interface
5
MCK
Master Clock. Clock input at 128x the sample frequency which defines the transmit timing. In
trasparent mode MCK must be 256 Fs.
20, 17
TXP, TXN
Differential Line Drivers.
PINS DESCRIPTION (continued)
STA020D
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com