Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA020D Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA020D
Description  96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA020D Datasheet(HTML) 1 Page - STMicroelectronics

  STA020D Datasheet HTML 1Page - STMicroelectronics STA020D Datasheet HTML 2Page - STMicroelectronics STA020D Datasheet HTML 3Page - STMicroelectronics STA020D Datasheet HTML 4Page - STMicroelectronics STA020D Datasheet HTML 5Page - STMicroelectronics STA020D Datasheet HTML 6Page - STMicroelectronics STA020D Datasheet HTML 7Page - STMicroelectronics STA020D Datasheet HTML 8Page - STMicroelectronics STA020D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MONOLITHIC DIGITAL AUDIO INTERFACE
TRANSMITTER
3.3V SUPPLY VOLTAGE
SUPPORTS:
- AES/EBU, IEC 958,
- S/PDIF, & EIAJ CP-340
- Professional and Consumer Formats
PARITY BITS AND CRC CODES GENERATED
TRANSPARENT MODE ALLOWS DIRECT
CONNECTION OF STA020D AND STA120
DESCRIPTION
The STA020D is a monolithic CMOS device
which encodes and transmits audio data accord-
ing to the AES/EBU, IEC 958, S/PDIF, & EIAJ
CP-340 interface standards. It supports 96kHz
sample rate operation
The STA020D accepts audio and digital data
which is then multiplexed, encoded and driven
onto a cable.
The audio serial port is double buffered and ca-
pable of supporting a wide variety of formats.
The STA020D multiplexes the channel, user, and
validity data directly from serial input pins with
dedicated input pins for the most important chan-
nel status bits.
October 2002
®
AUDIO
SERIAL PORT
REGISTERS
MUX
DIFFERENTIAL
M0
M1
M2
MCK
RST
SCK
FSYNC
SDATA
C
U
V
DEDICATED CHANNEL
STATUS BUS
CBL
TRNPT
7
TXN
TXP
20
17
16
5
6
7
8
21
22
23
10
11
9
15
24
D97AU599A
VD+
19
GND
18
BLOCK DIAGRAM
SO24
ORDERING NUMBER: STA020D
STA020D
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
1/11


Similar Part No. - STA020D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA020D STMICROELECTRONICS-STA020D Datasheet
94Kb / 12P
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
Oct-1999
More results

Similar Description - STA020D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA020 STMICROELECTRONICS-STA020 Datasheet
94Kb / 12P
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
Oct-1999
logo
Cirrus Logic
CS8406 CIRRUS-CS8406 Datasheet
629Kb / 43P
192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
logo
Texas Instruments
DIT4096 TI-DIT4096 Datasheet
340Kb / 22P
96kHz Digital Audio Transmitter
logo
List of Unclassifed Man...
CS8401 ETC-CS8401 Datasheet
365Kb / 34P
Digital Audio Interface Transmitter
YM3437C ETC-YM3437C Datasheet
969Kb / 11P
DIGITAL AUDIO INTERFACE TRANSMITTER
logo
Cirrus Logic
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
96 kHz Digital Audio Interface Transmitter
logo
Asahi Kasei Microsystem...
AKD4112B-B AKM-AKD4112B-B Datasheet
419Kb / 25P
96kHz digital audio receiver.
logo
STMicroelectronics
STA020 STMICROELECTRONICS-STA020_10 Datasheet
214Kb / 14P
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
26-Apr-2010
logo
Texas Instruments
DIT4096 TI1-DIT4096_15 Datasheet
939Kb / 26P
96kHz Digital Audio Transmitter
logo
Cirrus Logic
CS8406 CIRRUS-CS8406_12 Datasheet
406Kb / 39P
192 kHz Digital Audio Interface Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com