Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2430A/T Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS2430A/T
Description  256-Bit 1-Wire EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2430A/T Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS2430A/T Datasheet HTML 1Page - Dallas Semiconductor DS2430A/T Datasheet HTML 2Page - Dallas Semiconductor DS2430A/T Datasheet HTML 3Page - Dallas Semiconductor DS2430A/T Datasheet HTML 4Page - Dallas Semiconductor DS2430A/T Datasheet HTML 5Page - Dallas Semiconductor DS2430A/T Datasheet HTML 6Page - Dallas Semiconductor DS2430A/T Datasheet HTML 7Page - Dallas Semiconductor DS2430A/T Datasheet HTML 8Page - Dallas Semiconductor DS2430A/T Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DS2430A
5 of 16
MEMORY
The memory of the DS2430A consists of three separate sections, called data memory, application
register, and status register (Figure 5). The data memory and the application register each have its own
intermediate storage area called scratchpad that acts as a buffer when writing to the device. The data
memory can be read and written as often as desired. The application register, however, is one-time
programmable only. Once the application register is programmed, it is automatically write protected. The
status register will indicate if the application register is already locked or if it is still available for storing
data. As long as the application register is unprogrammed, the status register will read FFh. Copying data
from the register scratchpad to the application register will clear the 2 least significant bits of the status
register, yielding an FCh the next time one reads the status register.
DS2430A MEMORY MAP Figure 5
MEMORY FUNCTION COMMANDS
The Memory Function Flow Chart (Figure 6) describes the protocols necessary for accessing the different
memory sections of the DS2430A. An example is shown later in this document.
WRITE SCRATCHPAD [0Fh]
After issuing the Write Scratchpad command, the master must first provide a 1-byte address, followed by
the data to be written to the scratchpad for the data memory. The DS2430A will automatically increment
the address after every byte it received. After having received a data byte for address 1Fh, the address
counter will wrap around to 00h for the next byte and writing continues until the master sends a Reset
Pulse.
READ SCRATCHPAD [AAh]
This command is used to verify data previously written to the scratchpad before it is copied into the final
storage EEPROM memory. After issuing the Read Scratchpad command, the master must provide the 1-
byte starting address from where data is to be read. The DS2430A will automatically increment the
address after every byte read by the master. After the data of address 1Fh has been read, the address
counter will wrap around to 00h for the next byte and reading continues until the master sends a Reset
Pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com