Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2430A/T Datasheet(PDF) 15 Page - Dallas Semiconductor

Part # DS2430A/T
Description  256-Bit 1-Wire EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2430A/T Datasheet(HTML) 15 Page - Dallas Semiconductor

Back Button DS2430A/T Datasheet HTML 8Page - Dallas Semiconductor DS2430A/T Datasheet HTML 9Page - Dallas Semiconductor DS2430A/T Datasheet HTML 10Page - Dallas Semiconductor DS2430A/T Datasheet HTML 11Page - Dallas Semiconductor DS2430A/T Datasheet HTML 12Page - Dallas Semiconductor DS2430A/T Datasheet HTML 13Page - Dallas Semiconductor DS2430A/T Datasheet HTML 14Page - Dallas Semiconductor DS2430A/T Datasheet HTML 15Page - Dallas Semiconductor DS2430A/T Datasheet HTML 16Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
DS2430A
15 of 16
ABSOLUTE MAXIMUM RATINGS*
Voltage on DATA to Ground
-0.5V to +7.0V
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See J-STD-020A Specification
* This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(-40°C to +85°C; VPUP = 2.8V to 6.0V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic 1
VIH
2.2
V
1, 6
Logic 0
VIL
-0.3
+0.8
V
1, 9
Output Logic Low @ 4mA
VOL
0.4
V
1
Output Logic High
VOH
VPUP
6.0
V
1, 2
Input Load Current (DATA pin)
IL
0.1
5
15
μ
A
3
Programming Current
IP
500
μ
A
10
CAPACITANCE
(tA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Capacitance
CD
800
pF
7
EEPROM
(VPUP = 5.0V; tA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Write/Erase Cycles
NCYCLE
100k
-
Data Retention (at 85°C)
tDR
10
years
AC ELECTRICAL CHARACTERISTICS
(-40°C to +85°C; VPUP=2.8V to 6.0V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Time Slot
tSLOT
60
120
µs
Write 1 Low Time
tLOW1
1
15
µs
13
Write 0 Low Time
tLOW0
60
120
µs
Read Low Time
tLOWR
1
15
µs
13
Read Data Valid
tRDV
15
µs
11, 12
Release Time
tRELEASE
0
15
45
µs
Read Data Setup
tSU
1
µs
5
Recovery Time
tREC
1
µs
Reset Time High
tRSTH
480
µs
4
Reset Time Low
tRSTL
480
960
µs
8
Presence Detect High
tPDH
15
60
µs
Presence Detect Low
tPDL
60
240
µs
Programming Time
tPROG
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com