Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2430A/T Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS2430A/T
Description  256-Bit 1-Wire EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2430A/T Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS2430A/T Datasheet HTML 8Page - Dallas Semiconductor DS2430A/T Datasheet HTML 9Page - Dallas Semiconductor DS2430A/T Datasheet HTML 10Page - Dallas Semiconductor DS2430A/T Datasheet HTML 11Page - Dallas Semiconductor DS2430A/T Datasheet HTML 12Page - Dallas Semiconductor DS2430A/T Datasheet HTML 13Page - Dallas Semiconductor DS2430A/T Datasheet HTML 14Page - Dallas Semiconductor DS2430A/T Datasheet HTML 15Page - Dallas Semiconductor DS2430A/T Datasheet HTML 16Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
DS2430A
16 of 16
NOTES:
1) All voltages are referenced to ground.
2) VPUP = external pullup voltage.
3) Input load is to ground.
4) An additional reset or communication sequence cannot begin until the reset high time has expired.
5) Read data setup time refers to the time the host must pull the 1-Wire bus low to read a bit. Data is
guaranteed to be valid within 1
μs of this falling edge.
6) VIH is a function of the external pullup resistor and VPUP.
7) Capacitance on the data pin could be 800pF when power is first applied. If a 5k
Ω resistor is used to
pull up the data line to VPUP, 5μs after power has been applied the parasite capacitance will not affect
normal communications.
8) The Reset Low Time (tRSTL) should be restricted to a maximum of 960μs, to allow interrupt signaling;
otherwise it could mask or conceal interrupt pulses.
9) Under certain low voltage conditions VILMAX may have to be reduced to as much as 0.5V to always
guarantee a Presence Pulse.
10) The Copy Scratchpad takes 10ms maximum, during which the voltage on the 1-Wire bus must not fall
below 2.8V.
11) Depending on the 1-Wire communication speed and the bus load characteristics, the optimal pullup
resistor value will be in the 1.5k
Ω to 5kΩ range.
12) The optimal sampling point for the master is as close as possible to the end time of the 15μs tRDV
period without exceeding tRDV. For the case of a Read-One Time slot, this maximizes the amount of
time for the pullup resistor to recover to a high level. For a Read-Zero Time slot, it ensures that a read
will occur before the fastest 1-Wire device(s) releases the line.
13) The duration of the low pulse sent by the master should be a minimum of 1μs with a maximum value
as short as possible to allow time for the pullup resistor to recover the line to a high level before the 1-
Wire device samples in the case of a Write-One Time or before the master samples in the case of a
Read-One Time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com