Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2430A/T Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS2430A/T
Description  256-Bit 1-Wire EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2430A/T Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS2430A/T Datasheet HTML 4Page - Dallas Semiconductor DS2430A/T Datasheet HTML 5Page - Dallas Semiconductor DS2430A/T Datasheet HTML 6Page - Dallas Semiconductor DS2430A/T Datasheet HTML 7Page - Dallas Semiconductor DS2430A/T Datasheet HTML 8Page - Dallas Semiconductor DS2430A/T Datasheet HTML 9Page - Dallas Semiconductor DS2430A/T Datasheet HTML 10Page - Dallas Semiconductor DS2430A/T Datasheet HTML 11Page - Dallas Semiconductor DS2430A/T Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DS2430A
8 of 16
MEMORY FUNCTION FLOW CHART Figure 6 (cont’d)
READ APPLICATION REGISTER [C3h]
This command is used to read the application register or the register scratchpad. As long as the
application register is not yet locked, one will receive data from the register scratchpad. After the
application register is locked the DS2430A will transmit data from the application register, making the
register scratchpad inaccessible for reading. The contents of the status register indicate where the data
received with this command came from. After issuing the Read Application Register command, the
master must provide the 1-byte starting address from where data is to be read. The DS2430A will
automatically increment the address after every byte read by the master. After the data of address 07h has
been read, the address counter will wrap around to 00h for the next byte and reading continues until the
master sends a Reset Pulse.
COPY & LOCK APPLICATION REGISTER [5Ah]
After the data stored in the register scratchpad has been verified the master may send the Copy & Lock
Application Register command followed by a validation key of A5h to transfer the contents of the entire
register scratchpad to the application register and to simultaneously write-protect it. The master may
cancel this command by sending a Reset Pulse instead of the validation key. After the validation key was
transmitted, the application register will contain the data of the register scratchpad. Further write accesses
to the application register will be denied. The Copy & Lock Application Register command can only
be executed once.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com