Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1852ID Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS1852ID
Description  1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1852ID Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS1852ID Datasheet HTML 4Page - STMicroelectronics TS1852ID Datasheet HTML 5Page - STMicroelectronics TS1852ID Datasheet HTML 6Page - STMicroelectronics TS1852ID Datasheet HTML 7Page - STMicroelectronics TS1852ID Datasheet HTML 8Page - STMicroelectronics TS1852ID Datasheet HTML 9Page - STMicroelectronics TS1852ID Datasheet HTML 10Page - STMicroelectronics TS1852ID Datasheet HTML 11Page - STMicroelectronics TS1852ID Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Electrical characteristics
TS1851-TS1852-TS1854
8/25
Figure 1.
Input offset voltage distribution
Figure 2.
Input offset voltage vs. temperature
-2.
-1.6 -1.2 -.8
-.4
0
.4
.8
1.2
1.6
2
Input Offset Voltage (mV)
0
20
40
60
80
100
488 pieces tested
Vcc = 10V
Temp = +25°C
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
-400
-300
-200
-100
0
100
200
300
400
Vcc = 10V
Vcc = 1.8V
Figure 3.
Input bias current vs. temperature
Figure 4.
Input bias current vs. temperature
-40 -20
0
20
40
60
80
100 120 140
Temperature (°C)
-12
-10
-8
-6
-4
-2
0
Vcc = 1.8V
Vicm = 0.9V
-40 -20
0
20
40
60
80 100 120 140
Temperature (°C)
-12
-10
-8
-6
-4
-2
0
Vcc = 3V
Vicm = 1.5V
Figure 5.
Input bias current vs. temperature
Figure 6.
Supply current/amplifier vs. supply
voltage
-40 -20
0
20
40
60
80 100 120 140
Temperature (°C)
-12
-10
-8
-6
-4
-2
0
Vcc = 5V
Vicm = 2.5V
02
46
8
Supply Voltage (V)
0
50
100
150
200
Tamb = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com