Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1852ID Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS1852ID
Description  1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1852ID Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS1852ID Datasheet HTML 8Page - STMicroelectronics TS1852ID Datasheet HTML 9Page - STMicroelectronics TS1852ID Datasheet HTML 10Page - STMicroelectronics TS1852ID Datasheet HTML 11Page - STMicroelectronics TS1852ID Datasheet HTML 12Page - STMicroelectronics TS1852ID Datasheet HTML 13Page - STMicroelectronics TS1852ID Datasheet HTML 14Page - STMicroelectronics TS1852ID Datasheet HTML 15Page - STMicroelectronics TS1852ID Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Electrical characteristics
TS1851-TS1852-TS1854
12/25
Figure 25.
Output current vs. output voltage
Figure 26.
Output current vs. output voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Output Voltage (V)
-60
-40
-20
0
20
40
60
80
sink
Vcc = 3V
Vid = 0.1V
Vicm = 1.5V
source
T = 25 °C
T = -40 °C
T = 125 °C
T = 125 °C
T = -40 °C
T = 25 °C
0.0
1.0
2.0
3.0
4.0
5.0
Output Voltage (V)
-60
-40
-20
0
20
40
60
80
sink
Vcc = 5V
Vid = 0.1V
Vicm = 2.5V
source
T = 25 °C
T = -40 °C
T = 125 °C
T = 125 °C
T = -40 °C
T = 25 °C
Figure 27.
Gain and phasis vs. frequency
Figure 28.
Gain bandwidth product vs.
temperature
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
0
10
20
30
40
50
60
70
40
60
80
100
120
140
160
180
RL = 10K
CL = 100 pF
VCC = 5V
gain
phase
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
0.45
0.50
0.55
0.60
0.65
Vcc = 1.8V
Vcc = 3V
Vcc = 5V
Vicm = Vcc/2
RL = 10kohms
CL = 100 pF
Figure 29.
Gain bandwidth product vs. supply
voltage
Figure 30.
Slew rate vs. temperature
0
1
2
3
4
5
6
7
Supply Voltage (V)
450
500
550
600
650
700
750
800
RL = 2 kohms
CL = 300 pF
Vicm = Vcc/2
T = 25°C
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
positive Slew Rate
VCC = 1.8V
gain = +1
Vin = 0.4 to 1.4V
RL = 10kohms
CL = 100 pF
negative Slew Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com