Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1852ID Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS1852ID
Description  1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1852ID Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS1852ID Datasheet HTML 10Page - STMicroelectronics TS1852ID Datasheet HTML 11Page - STMicroelectronics TS1852ID Datasheet HTML 12Page - STMicroelectronics TS1852ID Datasheet HTML 13Page - STMicroelectronics TS1852ID Datasheet HTML 14Page - STMicroelectronics TS1852ID Datasheet HTML 15Page - STMicroelectronics TS1852ID Datasheet HTML 16Page - STMicroelectronics TS1852ID Datasheet HTML 17Page - STMicroelectronics TS1852ID Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Electrical characteristics
TS1851-TS1852-TS1854
14/25
Figure 37.
Distortion vs. output voltage
Figure 38.
Distortion vs. output voltage
Figure 39.
Distortion vs. frequency
0.000
0.200
0.400
0.600
0.800
1.000
1.200
Output Voltage (V)
0.001
0.010
0.100
1.000
10.000
VCC = 3V
f = 1kHz
RL = 10K
T = 25°C
gain = -1
0.000
0.500
1.000
1.500
2.000
Output Voltage (V)
0.001
0.010
0.100
1.000
10.000
RL = 10kohms
VCC = 5V
f = 1kHz
T = 25°C
gain = -1
RL = 2kohms
1E+1
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
0.001
0.010
0.100
1.000
RL = 10kohms
VCC = 3V
Vout = 2Vpp
T = 25°C
gain = -1
RL = 2kohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com