Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1852ID Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS1852ID
Description  1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1852ID Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS1852ID Datasheet HTML 5Page - STMicroelectronics TS1852ID Datasheet HTML 6Page - STMicroelectronics TS1852ID Datasheet HTML 7Page - STMicroelectronics TS1852ID Datasheet HTML 8Page - STMicroelectronics TS1852ID Datasheet HTML 9Page - STMicroelectronics TS1852ID Datasheet HTML 10Page - STMicroelectronics TS1852ID Datasheet HTML 11Page - STMicroelectronics TS1852ID Datasheet HTML 12Page - STMicroelectronics TS1852ID Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TS1851-TS1852-TS1854
Electrical characteristics
9/25
Figure 7.
Supply current/amplifier vs.
temperature
Figure 8.
Common mode rejection vs.
temperature
-40 -20
0
20
40
60
80 100 120 140
Temperature (°C)
90
100
110
120
130
140
150
160
170
Vcc = 1.8V
Vcc = 5V
Vcc = 3V
-40 -20
0
20
40
60
80 100 120 140
Temperature (°C)
60
70
80
90
100
110
Vcc = 1.8V
Figure 9.
Common mode rejection vs.
temperature
Figure 10.
Gain and phasis vs. frequency
-50
0
50
100
150
Temperature (°C)
60
70
80
90
100
110
Vcc = 3V
qy
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
0
10
20
30
40
50
60
70
40
60
80
100
120
140
160
180
RL = 10K
CL = 100 pF
Vcc = 1.8V
gain
phase
Figure 11.
Supply voltage rejection vs.
temperature
Figure 12.
Gain and phasis vs. frequency
-40 -20
0
20
40
60
80 100 120 140
Temperature (°C)
60
70
80
90
100
110
Vcc = 2V
Vicm = 1V
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
0
10
20
30
40
50
60
70
40
60
80
100
120
140
160
180
RL = 10K
CL = 100 pF
Vcc = 5V
gain
phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com