Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC55 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC55
Description  1 關A Low Dropout Positive Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC55 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC55_05 Datasheet HTML 2Page - Microchip Technology TC55_05 Datasheet HTML 3Page - Microchip Technology TC55_05 Datasheet HTML 4Page - Microchip Technology TC55_05 Datasheet HTML 5Page - Microchip Technology TC55_05 Datasheet HTML 6Page - Microchip Technology TC55_05 Datasheet HTML 7Page - Microchip Technology TC55_05 Datasheet HTML 8Page - Microchip Technology TC55_05 Datasheet HTML 9Page - Microchip Technology TC55_05 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TC55
DS21435F-page 6
© 2005 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Notes: Unless otherwise specified, VOUT(S) = 3.0V, 5.0V, TA = +25°C, CIN = 1 µF Tantalum, COUT = 1 µF Tantalum.
FIGURE 2-1:
Output Voltage vs. Output
Current (TC55RP3002).
FIGURE 2-2:
Output Voltage vs. Input
Voltage (TC55RP3002).
FIGURE 2-3:
Output Voltage vs. Input
Voltage (TC55RP3002).
FIGURE 2-4:
Dropout Voltage vs. Output
Current (TC55RP3002).
FIGURE 2-5:
Output Voltage vs.
Operating Temperature (TC55RP3002).
FIGURE 2-6:
Supply Current vs. Input
Voltage (TC55RP3002).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
2.9
2.8
2.7
20
40
60
0
160
OUTPUT CURRENT IOUT (mA)
3.0
3.1
80
°C
80 100 120 140
25
°C
-30
°C
VIN = 4.0V
TOPR = 25°C
INPUT VOLTAGE VIN (V)
2.8
2.6
2.4
2.2
3.0
3.5
2.5
3.0
3.2
IOUT = 1 mA
10 mA
40 mA
TOPR = 25°C
INPUT VOLTAGE VIN (V)
3.01
3.00
2.99
2.98
2.96
2.97
2.95
5
678
9
10
34
3.03
3.02
3.05
3.04
IOUT = 1 mA
0.8
0.6
0.4
0.2
0.0
-0.2
20 40
60
0
160
OUTPUT CURRENT IOUT (mA)
1.4
1.2
1.0
2.0
1.8
1.6
80 100 120 140
25
°C
-30
°C
80
°C
OPERATING TEMPERATURE (
°C)
3.02
3.00
2.98
2.96
2.94
2.92
2.90
-40
-20
0
20
40
60
80
100
3.06
3.04
3.10
3.08
IOUT = 10 mA
40 mA
VIN = 4.0V
INPUT VOLTAGE VIN (V)
1.1
1.0
0.9
0.8
0.7
0.6
0.5
34
5
6
78
9
10
1.3
1.2
1.5
1.4
TOPR = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com