Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC55 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC55
Description  1 關A Low Dropout Positive Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC55 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC55_05 Datasheet HTML 4Page - Microchip Technology TC55_05 Datasheet HTML 5Page - Microchip Technology TC55_05 Datasheet HTML 6Page - Microchip Technology TC55_05 Datasheet HTML 7Page - Microchip Technology TC55_05 Datasheet HTML 8Page - Microchip Technology TC55_05 Datasheet HTML 9Page - Microchip Technology TC55_05 Datasheet HTML 10Page - Microchip Technology TC55_05 Datasheet HTML 11Page - Microchip Technology TC55_05 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TC55
DS21435F-page 8
© 2005 Microchip Technology Inc.
Note: Unless otherwise indicated, VOUT(S) = 3.0V, 5.0V, TA = +25°C, CIN = 1 µF Tantalum, COUT = 1 µF Tantalum.
FIGURE 2-13:
Output Voltage vs.
Operating Temperature (TC55RP5002).
FIGURE 2-14:
Supply Current vs. Input
Voltage (TC55RP5002).
FIGURE 2-15:
Supply Current vs.
Operating Temperature (TC55RP5002).
FIGURE 2-16:
Input Transient Response,
1 mA (TC55RP5002).
FIGURE 2-17:
Input Transient Response,
10 mA (TC55RP5002).
FIGURE 2-18:
Load Transient Response
(TC55RP5002).
OPERATING TEMPERATURE (
°C)
5.02
5.00
4.98
4.96
4.94
4.92
4.90
-40
-20
0
20
40
60
80
100
5.06
5.04
5.10
5.08
IOUT = 10 mA
40 mA
VIN = 6.0V
INPUT VOLTAGE VIN (V)
5
6
789
10
1.6
1.4
1.3
1.2
1.1
1.0
0.5
1.8
1.7
2.0
1.9
TOPR = 25°C
1.4
1.3
1.2
1.1
1.0
-20
0
20
-40
OPERATING TEMPERATURE (
°C)
1.7
1.6
1.5
2.0
1.9
1.8
40
60
80 100
VIN = 6.0V
TIME (msec)
7.0
6.5
6.0
5.5
5.0
5.0
4.5
4.0
-1
0
1
2
3
7.5
Input
Voltage
Output
Voltage
8.0
IOUT = 1 mA
TIME (msec)
7.0
6.5
6.0
5.5
5.0
4.5
4.0
-1
0
1
2
3
7.5
Input
Voltage
Output
Voltage
8.0
IOUT = 10 mA
TIME (2 msec/div)
6
5
4
3
2
40 mA
1 mA
7
200
160
120
80
40
0
Output Voltage
Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com