Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC55 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC55
Description  1 關A Low Dropout Positive Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC55 Datasheet(HTML) 2 Page - Microchip Technology

  TC55_05 Datasheet HTML 1Page - Microchip Technology TC55_05 Datasheet HTML 2Page - Microchip Technology TC55_05 Datasheet HTML 3Page - Microchip Technology TC55_05 Datasheet HTML 4Page - Microchip Technology TC55_05 Datasheet HTML 5Page - Microchip Technology TC55_05 Datasheet HTML 6Page - Microchip Technology TC55_05 Datasheet HTML 7Page - Microchip Technology TC55_05 Datasheet HTML 8Page - Microchip Technology TC55_05 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TC55
DS21435F-page 2
© 2005 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Input Voltage ........................................................+12V
Output Current (Continuous) ......... PD/(VIN – VOUT)mA
Output Current (peak) ..................................... 500 mA
Output Voltage.................. (VSS – 0.3V) to (VIN + 0.3V)
Continuous Power Dissipation:
3-Pin SOT-23A ..........................................240 mW
3-Pin SOT-89 ............................................500 mW
3-Pin TO-92...............................................440 mW
† Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
PIN FUNCTION TABLE
TC55RP50: ELECTRICAL CHARACTERISTICS
TC55RP40: ELECTRICAL CHARACTERISTICS
Symbol
Description
GND
Ground Terminal
VOUT
Regulated Voltage Output
VIN
Unregulated Supply Input
Electrical Specifications: Unless otherwise specified, VOUT(S) = 5.0V, TA = +25°C (see Note 1).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Output Voltage
VOUT(A)
—
4.90
—
5.0
—
5.10
V
IOUT = 40 mA
VIN = 6.0V
Maximum Output Current
IOUTMAX
250
—
—
mA
VIN = 6.0V, VOUT(A) ≥ 4.5V
Load Regulation
ΔVOUT
—40
80
mV
VIN = 6.0V, 1 mA ≤ IOUT ≤ 100 mA
I/O Voltage Difference
VDIF
—
—
120
380
300
600
mV
IOUT = 100 mA
IOUT = 200 mA
Current Consumption
ISS
—1.1
3.0
µA
VIN = 6.0V
Voltage Regulation
VOUT(A)•100
ΔVIN•VOUT(S)
—0.2
0.3
%/V
IOUT = 40 mA, 6.0V ≤ VIN ≤ 10.0V
Input Voltage
VIN
——
10
V
Temperature Coefficient of Output
Voltage
ΔVOUT(A)•106
VOUT(S)•ΔTA
—
±100
—
ppm/°C IOUT = 40 mA, -40°C ≤ TA ≤ +85°C
Long-Term Stability
—
0.5
—
%
TA = +125°C, 1000 Hours
Note
1:
VOUT(S): Preset value of output voltage; VOUT(A): Actual value of output voltage; VDIF: Definition of I/O voltage
difference = {VIN1 – VOUT(A)}; VOUT(A): Output voltage when IOUT is fixed and VIN = VOUT(S) + 1.0V; VIN1: Input voltage
when the output voltage is 98% VOUT(A).
Electrical Specifications: Unless otherwise specified, VOUT(S) = 4.0V, TA = +25°C (see Note 1).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Output Voltage
VOUT(A)
—
3.92
—
4.0
—
4.08
VIOUT = 40 mA
VIN = 5.0V
Maximum Output Current
IOUTMAX
200
—
—
mA
VIN = 5.0V, VOUT(A) ≥ 3.6V
Load Regulation
ΔVOUT
—45
90
mV
VIN = 5.0V, 1 mA ≤ IOUT ≤ 100 mA
I/O Voltage Difference
VDIF
—
—
170
400
330
630
mV
IOUT = 100 mA
IOUT = 200 mA
Current Consumption
ISS
—1.0
2.9
µA
VIN = 5.0V
Voltage Regulation
VOUT(A)•100
ΔVIN•VOUT(S)
—0.2
0.3
%/V
IOUT = 40 mA, 5.0V ≤ VIN ≤ 10.0V
Input Voltage
VIN
——
10
V
Temperature Coefficient of Output
Voltage
ΔVOUT(A)•106
VOUT(S)•ΔTA
—
±100
—
ppm/°C IOUT = 40 mA, -40°C ≤ TA ≤ +85°C
Long-Term Stability
—
0.5
—
%
TA = +125°C, 1000 Hours
Note
1:
VOUT(S): Preset value of output voltage; VOUT(A): Actual value of output voltage; VDIF: Definition of I/O voltage
difference = {VIN1 – VOUT(A)}; VOUT(A): Output voltage when IOUT is fixed and VIN = VOUT(S) + 1.0V; VIN1: Input voltage
when the output voltage is 98% VOUT(A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com