Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC55 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC55
Description  1 關A Low Dropout Positive Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC55 Datasheet(HTML) 1 Page - Microchip Technology

  TC55_05 Datasheet HTML 1Page - Microchip Technology TC55_05 Datasheet HTML 2Page - Microchip Technology TC55_05 Datasheet HTML 3Page - Microchip Technology TC55_05 Datasheet HTML 4Page - Microchip Technology TC55_05 Datasheet HTML 5Page - Microchip Technology TC55_05 Datasheet HTML 6Page - Microchip Technology TC55_05 Datasheet HTML 7Page - Microchip Technology TC55_05 Datasheet HTML 8Page - Microchip Technology TC55_05 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21435F-page 1
TC55
Features
• Low Dropout Voltage: 120 mV (typ) at 100 mA,
380 mV (typ) at 200 mA
• High Output Current: 250 mA (VOUT = 5.0V)
• High Accuracy Output Voltage: ±2% (max)
(±1% Semi-Custom Version)
• Low Power Consumption: 1.1 µA (typ)
• Low Temperature Drift: ±100 ppm/°C (typ)
• Excellent Line Regulation: 0.2%/V (typ)
• Package Options: 3-Pin SOT-23A, 3-Pin SOT-89
and 3-Pin TO-92
• Short-Circuit Protection
• Standard Output Voltage Options: 1.2V, 1.8V,
2.5V, 3.0V, 3.3V, 5.0V
Applications
• Battery-Powered Devices
• Cameras and Portable Video Equipment
• Pagers and Cellular Phones
• Solar Powered Instruments
• Consumer Products
Package Types
General Description
The TC55 Series is a collection of CMOS low dropout,
positive voltage regulators that can source up to
250 mA of current, with an extremely low input-output
voltage differential of 380 mV (typ) at 200 mA.
The TC55’s low dropout voltage, combined with the low
current consumption of only 1.1 µA (typ), makes it ideal
for battery operation. The low voltage differential (drop-
out voltage) extends the battery operating lifetime. It
also permits high currents in small packages when
operated with minimum VIN – VOUT differentials.
The circuit also incorporates short-circuit protection to
ensure maximum reliability.
Functional Block Diagram
VIN
GND
VOUT
3
12
TC55
GND VIN VOUT
12
3
TC55
3-Pin SOT-23A
3-Pin SOT-89
3-Pin TO-92
12 3
VOUT
VIN
GND
Note: 3-Pin SOT-23A is equivalent to the
EIAJ SC-59.
VIN
Bottom
View
VIN
VOUT
GND
Short-Circuit
Protection
Voltage
Reference
1 µA Low Dropout Positive Voltage Regulator
Obsolete Device


Similar Part No. - TC55_05

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC551001 TOSHIBA-TC551001 Datasheet
584Kb / 13P
SILICON GATE CMOS 131,072 WORD x 8 BIT STATIC RAM
TC551001 TOSHIBA-TC551001 Datasheet
547Kb / 14P
131,072 WORD x 8 BIT STATIC RAM
TC551001 TOSHIBA-TC551001 Datasheet
588Kb / 14P
131,072 WORD x 8 BIT STATIC RAM
TC551001AFI TOSHIBA-TC551001AFI Datasheet
453Kb / 8P
131,072 WORD x 8 BIT STATIC RAM
TC551001AFI TOSHIBA-TC551001AFI Datasheet
441Kb / 8P
131,072 WORD x 8 BIT STATIC RAM
More results

Similar Description - TC55_05

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
MCP1701 MICROCHIP-MCP1701_05 Datasheet
259Kb / 20P
2 關A Low Dropout Positive Voltage Regulator
2005
MCP1701A MICROCHIP-MCP1701A Datasheet
606Kb / 22P
2關A Low-Dropout Positive Voltage Regulator
2007
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
1 A Low Dropout Positive Voltage Regulator
logo
Texas Instruments
TLV1117LV TI1-TLV1117LV Datasheet
637Kb / 20P
1-A, Positive Fixed Voltage, Low-Dropout Regulator
SEPTEMBER2011
TLV1117LV12 TI1-TLV1117LV12 Datasheet
698Kb / 20P
1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV117112 TI1-TLV117112 Datasheet
307Kb / 15P
1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV33DCYT TI-TLV1117LV33DCYT Datasheet
903Kb / 19P
1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1171 TI-TLV1171_15 Datasheet
805Kb / 18P
1-A, Positive Fixed-Voltage, Low-Dropout Regulator
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com