Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7109 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC7109
Description  12-Bit 關A-Compatible Analog-to-Digital Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7109 Datasheet(HTML) 3 Page - Microchip Technology

  TC7109 Datasheet HTML 1Page - Microchip Technology TC7109 Datasheet HTML 2Page - Microchip Technology TC7109 Datasheet HTML 3Page - Microchip Technology TC7109 Datasheet HTML 4Page - Microchip Technology TC7109 Datasheet HTML 5Page - Microchip Technology TC7109 Datasheet HTML 6Page - Microchip Technology TC7109 Datasheet HTML 7Page - Microchip Technology TC7109 Datasheet HTML 8Page - Microchip Technology TC7109 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
© 2006 Microchip Technology Inc.
DS21456C-page 3
TC7109/A
Typical Application
Input
High
AZ
BUFF
CAZ
INT
Buffer
Integrator
AZ
ZI
AZ
ZI
DE
(+)
AZ
INT
AZ
Comparator
Comp
Out
35
31
30
CREF
AZ
DE (±)
ZI
33
34
Common
Input Low
INT
37
36
REF
IN+
DE
(–)
DE
(–)
DE
(+)
RINT
CINT
38
39
REF
CAP-
REF
CAP+
ZI
6.2V
10mA
28
40
V+
V-
29
REF
OUT
17
3 4 5 6 7 8 9 10 11 12 13 14
226
22
23
24
25
21
To Analog
Section
Comp Out
AZ
INT
DE (±)
ZI
Conversion
Control Logic
Oscillator and
Clock Circuitry
Handshake
Logic
15 16
27
18
19
20
LBEN
HBEN
CE/LOAD
1
GND
14 Latches
12-Bit Counter
16 Three-State Outputs
Send
Mode
BUFF
OSC
OUT
OSC
SEL
OSC
OUT
OSC
IN
RUN/
HOLD
Status
High Order
Byte Inputs
Low Order
Byte Inputs
TC7109A
REF
IN-
Latch
Clock
32
+
+
–
–
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com